Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSH15B104FCT Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCSH15B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH15B104FCT Datasheet(HTML) 1 Page - Multicomp Pro

  MCSH15B104FCT Datasheet HTML 1Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 2Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 3Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 4Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 5Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 6Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Page <1>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
WTC soft termination series MLCC is designed and with a polymer layer within end
terminations of product, which can absorb mechanical stress caused by PCB handling
in SMT line and reduce the mechanical impact for product. It will offer more robust and
reliable performance in applications.
Features:
• MLCC’sterminationarewithasoft&flexiblepolymer
layer to withstand high bending stress in SMT line.
• Available for any item in standard series range.
Applications:
• Automotive industry.
• Power supply and related industries.
• Lighting industry.
• The other mechanical stress concerned products.
How To Order:
Note1:Pleaseseebelowproductrangetofindrightterminationcode.
External Dimensions:
The outline of MLCC
MCSH
31
B
104
K
500
C
T
Series
Size
Dielectric
Capacitance
Tolerance
Rated Voltage Termination
Packaging
Multicomp
SH=Soft
termination
15=0402 (1005)
18=0603 (1608)
21=0805 (2012)
31=1206 (3216)
32=1210 (3225)
43=1812 (4532)
N= NP0
(C0G)
B=X7R
X=X5R
F=Y5V
Twosignificant
digits followed
by no. of
zeros. And R
is in place of
decimal point.
Eg.
104 =10x104
=100nF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Z=-20/+80%
Twosignificant
digits followed
by no. of
zeros. And R
is in place of
decimal point.
6R3=6.3V DC
100=10V DC
160=16V DC
250=25V DC
500=50V DC
101=100V DC
C=Cu/
Polymer/Ni/
Sn
T=7" reeled
G=13" reeled
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol Remark M
B (mm)
0402 (1005)
1±0.2
0.5±0.2
0.5±0.2
E
0.25
+0.05/-0.1
0603 (1608)
1.6±0.2
0.8±0.1
0.80±0.07
S
0.40±0.15
1.6
+0.2/-0.1
0.8
+0.15/-0.1
0.8
+0.15/-0.1
X
#Reflowsolderingonlyisrecommended.


Similar Part No. - MCSH15B104FCT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MCSH21B101K500CT IRF-MCSH21B101K500CT Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results

Similar Description - MCSH15B104FCT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
ST0805XR104K101 MERITEK-ST0805XR104K101 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ32DR72E224KWJ1 MURATA-GRJ32DR72E224KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E102KWJ1 MURATA-GRJ21AR72E102KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J152KWJ1 MURATA-GRJ31BR72J152KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J472KWJ1 MURATA-GRJ31BR72J472KWJ1 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31CR72J223KWJ3 MURATA-GRJ31CR72J223KWJ3 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com