Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSH15B104FCT Datasheet(PDF) 10 Page - Multicomp Pro

Part # MCSH15B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH15B104FCT Datasheet(HTML) 10 Page - Multicomp Pro

Back Button MCSH15B104FCT Datasheet HTML 6Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 9Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 10Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 11Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 12Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 13Page - Multicomp Pro MCSH15B104FCT Datasheet HTML 14Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Page <10>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No
Item
Test Condition
Requirements
Y5V:
Rated
vol.
D.F.%
ExceptionofD.F.%
^
50V
7.5%
10%
0603^0.1μF;
0805^0.47μF;1206^4.7μF
35V
10%
-
-
25V
7.5%
10%
0402^0.047μF;0603^0.1μF;
0805^0.33μF;1206^1μF;
1210^4.7μF
15%
0402^0.068μF;0603^0.47μF;
1206^4.7μF;1210^22μF
16V
(C<1μF) 10%
12.5% 0402^0.068μF;0603^0.68μF
20%
0402^0.22μF
16V
(C^1μF) 12.5%
20%
0603^2.2μF;0805^3.3μF;
1206^10μF;1210^22μF;
1812^47μF;
10V
20%
30%
0402^0.47μF
6.3V
30%
-
-
I.R.:≥10V,500MΩor25Ω-Fwhicheverissmaller.
Class II (X7R, X5R, X6S, Y5V)
Rated voltage
Insulation
Resistance
100V: X7R
500MΩor
R×C^5Ω-F
whichever is
smaller.
50V:0603≥1µF;0805≥1µF;1206≥4.7µF;
1210≥4.7µF
35V:0805≥2.2µF;1210^10µF
25V:0402≥1µF;0603≥2.2µF;0805≥2.2µF;
1206≥10µF;1210≥10µF
16V:0402≥0.22µF;0603≥1µF;
0805≥2.2µF;1206≥10µF;1210≥47µF
10V:0201≥47nF;0402≥0.47µF;0603≥0.47µF;
0805≥2.2µF;1206≥4.7µF;1210≥47µF
6.3V;4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com