Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679ETR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 73Page - STMicroelectronics L9679ETR Datasheet HTML 74Page - STMicroelectronics L9679ETR Datasheet HTML 75Page - STMicroelectronics L9679ETR Datasheet HTML 76Page - STMicroelectronics L9679ETR Datasheet HTML 77Page - STMicroelectronics L9679ETR Datasheet HTML 78Page - STMicroelectronics L9679ETR Datasheet HTML 79Page - STMicroelectronics L9679ETR Datasheet HTML 80Page - STMicroelectronics L9679ETR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
For all conditions the current on SFx/SRx pins will not exceed the VRCM current limitation value (ILIM_VRCM_SINK
or ILIM_VRCM_SRC). There may be higher currents on the squib/pyroswitch lines due to the presence of filter
capacitors. During these FET tests, energy available to the squib/pyroswitch is limited to less than EFET_TEST. For
high side FET diagnostics, if no faults were indicated in the preceding leakage diagnostics then a normal result
would be [STB=1, STG=0]. If the returned result for the high side FET test is not as the previous then either the
FET is not functional, a short to ground occurred during the test, or there is a missing SSxy connection for that
channel.
For low-side FET diagnostics if no faults were indicated in the preceding leakage diagnostics then a normal result
would be [STB=0, STG=1]. If the returned result for the low-side FET test is not as the previous then either the
FET is not functional or a short to battery occurred during the test. In case of ground loss the low-side FET
diagnostic would not indicate a FET fault.
The VRCM flags will be given in the LPDIAGSTAT register. The status of the VRCM flags after FET test is latched
and can be cleared upon either LPDIAGREQ or SYSDIAGREQ SPI commands.
Finally, after FET test is completed, the VRCM deglitch filter time is switched from the FET test deglitch filter time
(TFLT_LKGB_FT) to the leakage diagnostic test deglitch filter time (TFLT_LKG) for both HS and LS and the output of
the VRCM deglitch filter is now not allowed to disable the appropriate HS or LS squib/pyroswitch driver anymore.
Loss of ground return diagnostics
This diagnostics is available during a squib/pyroswitch measurement. This test is based on the voltage drop
across the ground return, if the voltage drop exceeds SGxy_OPEN, ground connection is considered as lost.
Should the ground connection on the squib/pyroswitch driver circuit be missing, the bit related to the channel
under test by the two above diagnostics will be activated in the LP_GNDLOSS register. The flag is latched after a
proper filter time TFLT_SGOPEN and cleared upon read.
High-side safing FET diagnostics
The user can measure the voltage levels of the SSxy nodes. If the safing FET is properly switched on, the voltage
on SSxy will be regulated.
The measurement request is done via Diagnostic Control command (DIAGCTRLx), while results will be reported
through ADCRESx bit fields.
Deployment timer diagnostic
This test allows to verify the correct functionality and duration of the timers used to control the deployment times.
This test can be executed only when the IC is in the Diag state by setting the appropriate code in the DSTEST
field of the SYSDIAGREQ register. When the test is launched, the IC sequentially triggers the activation of the
deployment timers of the various channels (each of them separated by 8ms idle time) and outputs the relevant
waveform to the FENL output discrete pin, which will act as an output pin only for this test (put an external resistor
to limit the current if double driver condition is present).
Additional test is available to check operation of FENL output buffer through dedicated value of DSTEST field.
To understand the sequence of deployment timer test look at Figure 17. Deployment timer diagnostic sequence.
The µC can therefore test the deployment times by measuring the duration of the high pulses sent by the IC on
the FENL pin. The deployment time configuration used during this test is the latest one programmed in the DCRx
registers. In case the test is run on a channel with no DCRx deployment time previously configured, a default 8 µs
high pulse is output on FENL for the relevant channel.
L9679E
Deployment drivers
DS12485 - Rev 8
page 77/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com