Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679ETR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 1 Page - STMicroelectronics

  L9679ETR Datasheet HTML 1Page - STMicroelectronics L9679ETR Datasheet HTML 2Page - STMicroelectronics L9679ETR Datasheet HTML 3Page - STMicroelectronics L9679ETR Datasheet HTML 4Page - STMicroelectronics L9679ETR Datasheet HTML 5Page - STMicroelectronics L9679ETR Datasheet HTML 6Page - STMicroelectronics L9679ETR Datasheet HTML 7Page - STMicroelectronics L9679ETR Datasheet HTML 8Page - STMicroelectronics L9679ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
Features
•
AEC-Q100 qualified
•
Squib/Pyroswitch deployment drivers
–
8-channel HSD/LSD
–
25 V maximum deployment voltage
–
Various deployment profiles
–
Current monitoring Rmeasure, STB, STG and leakage diagnostics
–
High- and low-side driver FET tests
•
Four-channel remote sensor interface
–
PSI-5 satellite sensors
–
Configurable asynchronous/synchronous protocols
•
Configurable arming input signals
•
Temperature sensor
•
32-bit SPI communications
–
2 SPI buses (1 global, 1 for satellite communication)
–
Parity bit
•
Integrated ADC measurements (1 ADC converter)
•
Operating temperature: -40 °C to 105 °C
•
Package - 48 pins
Applications
•
Airbag systems
•
Cut-off battery systems
•
Pyro Fuse/Pyroswitch management
Description
The L9679E is an extension chip in airbag systems or a pyroswitch manager. This
device is family-compatible with the L9679 and L9680 devices. The device includes
an octal driver for squib/pyroswitch deployments and a quad channel interface for
PSI-5 sensors. Deployment profiles can be set according to user specifications via
SPI configuration, as well as the protocol to be used to communicate with the satellite
sensors. Independent configurable arming inputs are provided for a programmable
mapping of the loops to be deployed.
GADG0203181458PS
TQFP48 exposed pad down (7x7x1 mm)
Product status link
L9679E
Product summary
Order code
L9679E
Package
TQFP48 exp. pad
(7x7x1.0 mm)
Packing
Tray
Order code
L9679ETR
Package
TQFP48 exp. pad
(7x7x1.0 mm)
Packing
Tape and Reel
Automotive battery cut-off circuit and airbag system expansion IC
L9679E
Datasheet
DS12485 - Rev 8 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9679ETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
Automotive battery cut-off circuit and airbag system expansion IC
08-Jul-2021
More results

Similar Description - L9679ETR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8889AP TOSHIBA-TA8889AP Datasheet
393Kb / 11P
RGB CUT OFF DRIVE CONTROL IC
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
CJ1 SYSTEM POWER AND EXPANSION
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
Automotive battery cut-off circuit and airbag system expansion IC
08-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com