Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679ETR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 3 Page - STMicroelectronics

  L9679ETR Datasheet HTML 1Page - STMicroelectronics L9679ETR Datasheet HTML 2Page - STMicroelectronics L9679ETR Datasheet HTML 3Page - STMicroelectronics L9679ETR Datasheet HTML 4Page - STMicroelectronics L9679ETR Datasheet HTML 5Page - STMicroelectronics L9679ETR Datasheet HTML 6Page - STMicroelectronics L9679ETR Datasheet HTML 7Page - STMicroelectronics L9679ETR Datasheet HTML 8Page - STMicroelectronics L9679ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
Table 1. Absolute maximim ratings
Pin name
Pin function
Min
Max
Unit
SR4
Squib/Pyroswitch 4 low-side pin
-0.3
35
V
SF4
Squib/Pyroswitch 4 high-side pin
-1.0
40
V
SG45
Squib/Pyroswitch 4 & 5 ground pin
-0.3
0.3
V
SS45
Squib/Pyroswitch 4 & 5 deployment supply pin
-0.3
40
V
SF5
Squib/Pyroswitch 5 high-side pin
-1.0
40
V
SR5
Squib/Pyroswitch 5 low-side pin
-0.3
35
V
SR0
Squib/Pyroswitch 0 low-side pin
-0.3
35
V
SF0
Squib/Pyroswitch 0 high-side pin
-1.0
40
V
SG01
Squib/Pyroswitch 0 & 1 ground pin
-0.3
0.3
V
SS01
Squib/Pyroswitch 0 & 1 deployment supply pin
-0.3
40
V
SF1
Squib/Pyroswitch 1 high-side pin
-1.0
40
V
SR1
Squib/Pyroswitch 1 low-side pin
-0.3
35
V
RSU0
PSI-5 ch. 0 remote sensor output
-1
40
V
RSU1
PSI-5 ch. 1 remote sensor output
-1
40
V
VSAT
SAT input voltage
-0.3
40
V
VSYNC
SYNC input voltage
-0.3
40
V
GNDA
Analog ground
-0.3
0.3
V
FEN1
Arming input 1
-0.3
VCC+0.3 ≤ 6.5
V
FEN2
Arming input 2
-0.3
VCC+0.3 ≤ 6.5
V
SATSYNC
Initiate Satellite Sensor Sync Pulse
-0.3
VCC+0.3 ≤ 6.5
V
RESET_N
Reset input
-0.3
VCC+0.3 ≤ 6.5
V
TEST
Test mode input pin
-0.3
20
V
RSU2
PSI-5 ch. 2 remote sensor output
-1
40
V
RSU3
PSI-5 ch. 3 remote sensor output
-1
40
V
SR3
Squib/Pyroswitch 3 low-side pin
-0.3
35
V
SF3
Squib/Pyroswitch 3 high-side pin
-1.0
40
V
SS23
Squib/Pyroswitch 2 & 3 deployment supply pin
-0.3
40
V
SG23
Squib/Pyroswitch 2 & 3 ground pin
-0.3
0.3
V
SF2
Squib/Pyroswitch 2 high-side pin
-1.0
40
V
SR2
Squib/Pyroswitch 2 low-side pin
-0.3
35
V
SR7
Squib/Pyroswitch 7 low-side pin
-0.3
35
V
SF7
Squib/Pyroswitch 7 high-side pin
-1.0
40
V
SS67
Squib/Pyroswitch 6 & 7 deployment supply pin
-0.3
40
V
SG67
Squib/Pyroswitch 6 & 7 ground pin
-0.3
0.3
V
SF6
Squib/Pyroswitch 6 high-side pin
-1.0
40
V
SR6
Squib/Pyroswitch 6 low-side pin
-0.3
35
V
CVDD
Internal 3.3V regulator output
-0.3
4.6
V
GNDD
Digital ground
-0.3
0.3
V
FENL
LS driver FET arming input
-0.3
VCC+0.3 ≤ 6.5
V
SCLK_RS
Remote SPI interface clock
-0.3
VCC+0.3 ≤ 6.5
V
L9679E
Absolute maximum ratings
DS12485 - Rev 8
page 3/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com