Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679ETR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 26Page - STMicroelectronics L9679ETR Datasheet HTML 27Page - STMicroelectronics L9679ETR Datasheet HTML 28Page - STMicroelectronics L9679ETR Datasheet HTML 29Page - STMicroelectronics L9679ETR Datasheet HTML 30Page - STMicroelectronics L9679ETR Datasheet HTML 31Page - STMicroelectronics L9679ETR Datasheet HTML 32Page - STMicroelectronics L9679ETR Datasheet HTML 33Page - STMicroelectronics L9679ETR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
SYS_CTL
System control register
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ID:
02
Type:
R/W
Read:
0200
Write:
0004
POR
WSM
SSM
[14]
0
0
0
PD&VRCM_SEL: Squib/Pyroswitch pull down current level and VRCM leakage to GND threshold
selection
0: 1 mA pull down current and 450 µA VRCM leakage to GND threshold
1: 5 mA pull down current and 2 mA VRCM leakage to GND threshold
[12]
0
0
0
VSAT_TH_SEL: VSAT comparators threshold selector
0: VSAT_OK= VSAT_OK_TH0
1: VSAT_OK= VSAT_OK_TH1
L9679E
SPI interface
DS12485 - Rev 8
page 30/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com