Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 5Page - STMicroelectronics VN750 Datasheet HTML 6Page - STMicroelectronics VN750 Datasheet HTML 7Page - STMicroelectronics VN750 Datasheet HTML 8Page - STMicroelectronics VN750 Datasheet HTML 9Page - STMicroelectronics VN750 Datasheet HTML 10Page - STMicroelectronics VN750 Datasheet HTML 11Page - STMicroelectronics VN750 Datasheet HTML 12Page - STMicroelectronics VN750 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VN750
Electrical specifications
Doc ID 6942 Rev. 4
9/46
2.2
Thermal data
Symbol
Parameter
Value
Unit
SO-8
PENTAWATT
P2PAK
PPAK
EMAX
Maximum switching energy
(L = 1.8 mH; RL =0 Ω;
Vbat = 13.5 V; Tjstart =150°C;
IL =9 A)
100
mJ
EMAX
Maximum switching energy
(L = 2.46 mH; RL =0 Ω;
Vbat = 13.5 V; Tjstart =150°C;
IL =9 A)
138
138
mJ
Ptot
Power dissipation TC = 25°C
4.2
60
60
60
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Table 4.
Thermal data
Symbol
Parameter
Max. value
Unit
S0-8
PENTAWATT P2PAK
PPAK
Rthj-case Thermal resistance junction-case
-
2.1
2.1
2.1
°C/W
Rthj-lead Thermal resistance junction-lead
30
-
-
-
°C/W
Rthj-amb Thermal resistance junction-ambient
93(1)
1.
When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick) connected
to all VCC pins. Horizontal mounting and no artificial air flow.
62.1
52.1(2)
2.
When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick). Horizontal
mounting and no artificial air flow.
77.1(2)
°C/W
82(3)
3.
When mounted on a standard single-sided FR-4 board with 2 cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
62.1
37(4)
4.
When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick). Horizontal
mounting and no artificial air flow.
44(4)
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com