Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 7Page - STMicroelectronics VN750 Datasheet HTML 8Page - STMicroelectronics VN750 Datasheet HTML 9Page - STMicroelectronics VN750 Datasheet HTML 10Page - STMicroelectronics VN750 Datasheet HTML 11Page - STMicroelectronics VN750 Datasheet HTML 12Page - STMicroelectronics VN750 Datasheet HTML 13Page - STMicroelectronics VN750 Datasheet HTML 14Page - STMicroelectronics VN750 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
VN750
Electrical specifications
Doc ID 6942 Rev. 4
11/46
IIH
High level input current
VIN = 3.25 V
10
µA
Vhyst
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1 mA
6
6.8
8
V
IIN = -1 mA
-0.7
V
Table 8.
VCC output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
-IOUT = 1.3 A; Tj = 150°C
—
—
0.6
V
Table 9.
Status pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSTAT
Status low output voltage
ISTAT =1.6 mA
0.5
V
ILSTAT
Status leakage current
Normal operation; VSTAT =5 V
10
µA
CSTAT
Status pin input capacitance Normal operation; VSTAT = 5 V
100
pF
VSCL
Status clamp voltage
ISTAT =1 mA
6
6.8
8
V
ISTAT =-1 mA
-0.7
V
Table 10.
Protections(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
tSDL
Status delay in overload
condition
Tj >Tjsh
20
ms
Ilim
Current limitation
9V <VCC <36V
6
9
15
A
5V< VCC <36V
15
A
Vdemag
Turn-off output clamp
voltage
IOUT =2 A; VIN =0 V;
L= 6mH
VCC - 41 VCC - 48 VCC - 55
V
Table 11.
Open-load detection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOL
Open-load ON-state
detection threshold
VIN = 5 V
50
200
mA
tDOL(on)
Open-load ON-state
detection delay
IOUT = 0 A
200
µs
Table 7.
Input pin (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com