Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750 Datasheet(PDF) 26 Page - STMicroelectronics

Part # VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 22Page - STMicroelectronics VN750 Datasheet HTML 23Page - STMicroelectronics VN750 Datasheet HTML 24Page - STMicroelectronics VN750 Datasheet HTML 25Page - STMicroelectronics VN750 Datasheet HTML 26Page - STMicroelectronics VN750 Datasheet HTML 27Page - STMicroelectronics VN750 Datasheet HTML 28Page - STMicroelectronics VN750 Datasheet HTML 29Page - STMicroelectronics VN750 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Package and PCB thermal data
VN750
26/46
Doc ID 6942 Rev. 4
3.2
P2PAK thermal data
Figure 32.
P2PAK PC board
1.
Layout condition of Rth and Zth measurements (PCB FR4 area = 60 mm x 60 mm, PCB thickness = 2 mm,
Cu thickness = 35
μm , Copper areas: 0.97 cm2, 8 cm2).
Table 16.
Thermal parameter
Area/island (cm2)0.5
2
R1 (°C/W)
0.05
R2 (°C/W)
0.8
R3 (°C/W)
3.5
R4 (°C/W)
21
R5 (°C/W)
16
R6 (°C/W)
58
28
C1 (W·s/°C)
0.006
C2 (W·s/°C)
0.0026
C3 (W·s/°C)
0.0075
C4 (W·s/°C)
0.045
C5 (W·s/°C)
0.35
C6 (W·s/°C)
1.05
2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com