Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 1 Page - STMicroelectronics

  VN750 Datasheet HTML 1Page - STMicroelectronics VN750 Datasheet HTML 2Page - STMicroelectronics VN750 Datasheet HTML 3Page - STMicroelectronics VN750 Datasheet HTML 4Page - STMicroelectronics VN750 Datasheet HTML 5Page - STMicroelectronics VN750 Datasheet HTML 6Page - STMicroelectronics VN750 Datasheet HTML 7Page - STMicroelectronics VN750 Datasheet HTML 8Page - STMicroelectronics VN750 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
This is information on a product in full production.
May 2012
Doc ID 6942 Rev. 4
1/46
1
VN750
High-side driver
Datasheet
− production data
Features
■ CMOS compatible input
■ On-state open-load detection
■ Off-state open-load detection
■ Shorted load protection
■ Undervoltage and overvoltage shutdown
■ Protection against loss of ground
■ Very low standby current
■ Reverse battery protection
Description
The VN750 is a monolithic device designed using
STMicroelectronic® VIPower® M0-3 technology.
The VN750 is intended for driving any type of load
with one side connected to ground. The active
VCC pin voltage clamp protects the device against
low energy spikes.
Active current limitation combined with thermal
shutdown and automatic restart protect the device
against overload. The device detects the open-
load condition in both the on-state and
off-state. In the off-state the device detects if the
output is shorted to VCC. The device automatically
turns off where the ground pin becomes
disconnected.
Type
RDS(on)
IOUT
VCC
VN750
VN750S
VN750PT
VN750-B5
60 m
Ω
6 A
36 V
SO-8
P2PAK
PENTAWATT
PPAK
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PENTAWATT
VN750
—
SO-8
VN750S
VN750S13TR
P2PAK
VN750-B5
VN750-B513TR
PPAK
VN750PT
VN750PT13TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VN750

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN750 STMICROELECTRONICS-VN750 Datasheet
118Kb / 15P
HIGH SIDE DRIVER
Jan-2000
VN750 STMICROELECTRONICS-VN750 Datasheet
511Kb / 29P
HIGH SIDE DRIVER
rev. A
VN750 STMICROELECTRONICS-VN750 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN750-12-E STMICROELECTRONICS-VN750-12-E Datasheet
771Kb / 38P
High-side driver
19-Sep-2013
VN750-B5 STMICROELECTRONICS-VN750-B5 Datasheet
118Kb / 15P
HIGH SIDE DRIVER
Jan-2000
More results

Similar Description - VN750

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com