Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # K100
Description  Pro Hazardous Indicator Beacon – DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  K100 Datasheet HTML 1Page - Banner Engineering Corp. K100 Datasheet HTML 2Page - Banner Engineering Corp. K100 Datasheet HTML 3Page - Banner Engineering Corp. K100 Datasheet HTML 4Page - Banner Engineering Corp. K100 Datasheet HTML 5Page - Banner Engineering Corp. K100 Datasheet HTML 6Page - Banner Engineering Corp. K100 Datasheet HTML 7Page - Banner Engineering Corp. K100 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
June 12, 2023
page 4
K100 Pro Hazardous Indicator Beacon – DC Datasheet
•
•
•
•
•
•
•
•
•
•
•
•
Connections
Integral 5-pin M12 male quick-disconnect connector or 2 m
(6.5 ft) integral ITC-ER PVC-jacketed cable, depending on
model
Models with a quick disconnect require a mating cordset
Connecting 5-pin M12 quick-disconnect cordsets (see "Cord-
sets" on page 6): Female single-ended Multiconductor cable
(at minimum): UL Style 2517, 24 AWG wire, rated ≥ 80 °C;
M12 quick-disconnect connector: per IEC 61076-2-101, must
have threaded M12 x 1 retaining nut
Construction
Base, Dome, and Nut: Polycarbonate
Mounting
M36 by 2.0 threaded base, maximum torque 5.0 N·m (44
inch-lbf)
Interior 3/4-14 NPT Thread
Mounting nut included
Adjacent Unit Mounting Separation Distance
Minimum: 0 in (mounted with unit flanges touching)
Audible Characteristics
Sound Intensity at 2.5 KHz, at 1 m (typical):
Low volume setting: 93 dB
Medium volume setting: 96 dB
High volume setting: 101 dB
Maximum Input Power
Light Only: 5.3 W
Light and Audible: 7.0 W
LED Lifetime
Lumen maintenance L70
When operating within specifications, output decreases less
than 30% after 42,000 hours
Operating Conditions
–40 °C to +60 °C (–40 °F to +140 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55
Hz, 1.0 mm amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms dura-
tion, half sine wave)
Impact: IK08 (IEC 60068-2-75)
Environmental Rating
IP66, IP69K per DIN 40050-9, UL Type 4X
Approvals
NEC and CEC (cULus)
Gas and Vapors: Class I Div 2 Groups ABCD T4
Dust and Fibers/flyings: Class II Div 2 Groups FG T6;
Class III Div 1 and Div 2 T6
Certifications
E530817
Pro Editor Configuration
Connection to Pro Editor software enables control of:
Animation: Steady, Flash, Two Color Flash, Intensity
Sweep, Two Color Sweep, Wave, Double Wave
Color: Green, Red, Yellow, Blue, White, Cyan, Ma-
genta, Amber, Rose, Lime Green, Orange, Sky Blue,
Violet, Spring Green
Intensity: Off, Low, Medium, High, Custom
Speed: Slow, Standard, Fast, Custom
Pattern: Normal, Strobe, 3-Pulse, SOS, Random
Direction: Clockwise (CW), Counter-Clockwise
(CCW)
Audio Feedback: Off, On, Pattern, Advanced Audible
Audible Tones: Pulse, Wobble, Strobe, Whoop, Stac-
cato, Siren, Continuous 1, Continuous 2, Jingle,
Melody 1, Melody 2, Melody 3
Audible Intensity: Low, Medium, High
One pin configurable as either an input or an output
Pro Converter Cable required to interface between PC and in-
dicator, see accessories
Supply Voltage and Current
12 V DC to 48 V DC
Product approved with usage of Class 1 or Class 3 Power
Supply to achieve Class 2 Power Supply status
Use only with a suitable Class 2 Power Supply (North Ameri-
ca)
Maximum current (mA):
Voltage
Light Only
Light & Audbile
12
395
535
18
265
350
24
200
260
30
160
210
36
140
180
42
125
160
48
110
145
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com