Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # K100
Description  Pro Hazardous Indicator Beacon – DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  K100 Datasheet HTML 1Page - Banner Engineering Corp. K100 Datasheet HTML 2Page - Banner Engineering Corp. K100 Datasheet HTML 3Page - Banner Engineering Corp. K100 Datasheet HTML 4Page - Banner Engineering Corp. K100 Datasheet HTML 5Page - Banner Engineering Corp. K100 Datasheet HTML 6Page - Banner Engineering Corp. K100 Datasheet HTML 7Page - Banner Engineering Corp. K100 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K100 Pro Hazardous Indicator Beacon – DC Datasheet
June 12, 2023
page 3
Wiring
PNP Input
NPN Input
Key
2
3
1
A
3
4
1
2
5
12–48 V DC
2
3
1
A
3
4
1
2
5
12–48 V DC
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
An "X" denotes an active input.
For example: When the black wire and the white wire are both active, the indicator will be Magenta Steady.
Default Configuration
Wiring
Operating Mode/Function
Black
Brown
White
Gray
Non-Audible
Audible
X
Red Steady
Red Steady
X
Green Steady
Green Steady
X
Blue Steady
Blue Steady
X
X
Yellow Steady
Yellow Steady
X
X
Magenta Steady
Magenta Steady
X
X
Cyan Steady
Cyan Steady
X
X
X
White Steady
White Steady
X
Off
Audible Steady, Frequency 2.5 KHz, Volume High
X
X
Red Steady
Red Steady, Audible Steady, Frequency 2.5 KHz, Volume High
X
X
Green Steady
Green Steady, Audible Steady, Frequency 2.5 KHz, Volume High
X
X
Blue Steady
Blue Steady, Audible Steady, Frequency 2.5 KHz, Volume High
X
X
X
Yellow Steady
Yellow Steady, Audible Steady, Frequency 2.5 KHz, Volume High
X
X
X
Magenta Steady
Magenta Steady, Audible Steady, Frequency 2.5 KHz, Volume
High
X
X
X
Cyan Steady
Cyan Steady, Audible Steady, Frequency 2.5 KHz, Volume High
X
X
X
X
White Steady
White Steady, Audible Steady, Frequency 2.5 KHz, Volume High
Specifications
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Leakage Current Immunity
400 µA
Indicator Response Time
On response: 325 ms (max)
Off response: 20 ms (max)
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com