Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # K100
Description  Pro Hazardous Indicator Beacon – DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  K100 Datasheet HTML 1Page - Banner Engineering Corp. K100 Datasheet HTML 2Page - Banner Engineering Corp. K100 Datasheet HTML 3Page - Banner Engineering Corp. K100 Datasheet HTML 4Page - Banner Engineering Corp. K100 Datasheet HTML 5Page - Banner Engineering Corp. K100 Datasheet HTML 6Page - Banner Engineering Corp. K100 Datasheet HTML 7Page - Banner Engineering Corp. K100 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Original Instructions
June 12, 2023
p/n: 225027 Rev. B
225027
K100 Pro Hazardous Indicator Beacon – DC
Datasheet
•
•
•
•
•
•
•
•
•
•
•
•
•
Features
Programmable Multicolor Indicator with Optional Audible Alarm for Indoor or Outdoor Use
Industrial beacon providing bright, configurable indication for OEMs and users that need visible
status information
Ex/HazLoc approvals for potentially explosive applications
Rugged construction provides years of uninterrupted operation
Unique water-shed beacon design helps protect the indicator
Fourteen colors in one device
Programmable using Banner's Pro Editor software and Pro Converter Cable
36 mm threaded polycarbonate base
Rugged IP69K per DIN 40050-9, UL Type 4X housing
PNP or NPN operation depending on wiring
Variety of connector options
Rugged UV-stabilized polycarbonate base and window
12 V DC to 48 V DC operating voltage
IK08 impact rating for maximum protection demanding applications
Pro Editor
Use Banner's Pro Editor software and Pro Converter Cable to create custom configurations
by selecting different colors, flash patterns, and animations.
For more information visit www.bannerengineering.com/proeditor.
Full Preview Connection (Required)
The full preview connection must be used for the K100 Pro Hazardous Indicator Beacon.
A
B
C
E
D
F
A = Pro Converter Cable (MQDC-506-USB)
B = Splitter (CSB-M1251FM1251M)
C = PC running Pro Editor software
D = Any Banner Pro Series-enabled device (K50 shown)
E = Power Supply (PSW-24-1 or PSD-24-4)
F = 8-Pin to 5-Pin Double-Ended Cordset (MQDC-801-5M-PRO), required
for 8-Pin models
Models
Standard models shown. Contact factory for other options.
© Banner Engineering Corp.


Similar Part No. - K100

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
Sensata Technologies, I...
K100 SENSATA-K100 Datasheet
539Kb / 4P
Platform Control System for rough terrain scissor lift
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 8P
Pro Daylight Visible Beacon – DC
May 26, 2023 Rev. F
K100 BANNER-K100 Datasheet
3Mb / 6P
Pro Indicator Beacon
May 26, 2023 Rev. E
More results

Similar Description - K100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
logo
PHOENIX CONTACT
2700118 PHOENIX-2700118 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
logo
Mallory Sonalert Produc...
SCH628NR MSPI-SCH628NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
logo
Schneider Electric
XVR3B03S SCHNEIDER-XVR3B03S Datasheet
158Kb / 5P
Harmony XVR, Illuminated beacon with buzzer, Harmony XVR, Illuminated beacon with buzzer, DC
May 24, 2021
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com