Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # K100
Description  Pro Hazardous Indicator Beacon – DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  K100 Datasheet HTML 1Page - Banner Engineering Corp. K100 Datasheet HTML 2Page - Banner Engineering Corp. K100 Datasheet HTML 3Page - Banner Engineering Corp. K100 Datasheet HTML 4Page - Banner Engineering Corp. K100 Datasheet HTML 5Page - Banner Engineering Corp. K100 Datasheet HTML 6Page - Banner Engineering Corp. K100 Datasheet HTML 7Page - Banner Engineering Corp. K100 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
June 12, 2023
page 2
(1) A Qualified Person is a person who, by possession of a recognized degree or certificate of professional training, or who, by extensive knowledge, training and
experience, has successfully demonstrated the ability to solve problems relating to the subject matter and work.
(2) Aggressive substances—for example, acidic liquids or gases that may attack metals, or solvents that may affect polymeric materials.
(3) Suitable precaution—for example, regular checks as part of routine inspections or establishing from the materials data sheet that is resistant to specific chemi-
cals.
K100 Pro Hazardous Indicator Beacon – DC Datasheet
•
•
•
•
•
•
•
•
•
◦
◦
◦
◦
•
•
•
•
•
•
◦
◦
•
Family
K100
Blank = 2 m integral ITC-ER PVC cable
Q = 5-pin integral M12 quick disconnect **
Q
Connector *
P
Style
L
N
Classification
Blank = DC
Colors
RGB7
Audible
A
Blank = None
RGB7 = RGB Multicolor
* Models with a quick disconnect require a mating cordset
** Must be enclosed with a protective conduit or a suitable enclosure
Installation Instructions
Ex/HazLoc Applications
WARNING:
Explosive Atmospheres/Hazardous Locations
It is the user's responsibility to ensure that all local, state, and national laws, rules, codes, or regulations relat-
ing to the installation and use of this device in any particular application are satisfied. This device must be in-
stalled by a Qualified Person(1), in accordance with this document and applicable regulations.
WARNING:
Explosion Hazard
Do not disconnect equipment unless the power has been switched off or the area is known to be non-haz-
ardous.
CAUTION:
Electrostatic Discharge (ESD) Special Conditions for Safe Use
Parts of the enclosure are non-conducting and can generate an ignition-capable level of ESD.
Clean the equipment with only a damp cloth.
General Notes and Conditions for Use
See Specifications and Wiring Diagrams for important information concerning entity parameters, permissible locations, electrical
connections and certifications.
In addition to the warning above concerning user responsibility, the installation must comply with the following:
All installations must comply with all manufacturer's instructions.
All applicable wiring methods in accordance with the relevant local regulations and the authority having jurisdiction.
U.S. Installations: The relevant requirements of the National Electric Code® (ANSI/NFPA-70 NEC®).
Canadian Installations: The relevant requirements of the Canadian Electrical Code (CSA C22.1).
Do not attempt any repairs to this device; it contains no field-replaceable parts or components. Tampering and/or replacement with
non-factory components may adversely affect the safe use of the system.
The nonconducting materials of this device may be susceptible to ignition-capable level of electrostatic charging and precautions
must be taken to avoid this. The user/installer shall ensure that the equipment is not installed in a location where it may be subjected
to external conditions (such as high-pressure steam) which are conducive to creating a build-up of electrostatic charges.
Clean with a damp cloth only.
If the equipment is likely to come into contact with aggressive substances(2), then it is the responsibility of the user to take suitable
precautions(3) that prevent it from being adversely affected, thus ensuring that the type of protection is not compromised.
The ingress protection (IP rating) of enclosures/panels may be invalidated by the installation of the beacon. The installation of the
beacon in a particular enclosure/panel is subject to the evaluation/acceptance of the authority having jurisdiction.
Models with integral quick-disconnect (QD) connectors:
Use recommended Banner cordsets (see "Cordsets" on page 6), or suitable quick-disconnect cordsets with threaded retain-
ing nut (see Key definition for "{keyrefName}" not found in the DITA map.). The cordset must be securely fastened using the
quick-disconnect retaining nut to prevent disconnection. Maximum connector torque: 6 ft-lbs.
Must be installed such that the connector is protected from impact and unauthorized disconnection. The method of protec-
tion can include conduit (e.g. pole, pendent), enclosed raceway, a listed enclosure suitable for the intended use, and/or by
inaccessible location that excludes possible impact damage.
The device must be powered by a Class 2 or SELV power supply.
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com