Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33E511 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  33E511 Datasheet HTML 1Page - Elma Electronic Ltd 33E511 Datasheet HTML 2Page - Elma Electronic Ltd 33E511 Datasheet HTML 3Page - Elma Electronic Ltd 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.elma.com
03|21
2|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Typical attenuation
EMC level advanced plus+
0
10
20
30
40
50
60
70
80
90
100
10
1001000
Frequency in MHz
Executions
SIZES
■
Enclosure 0:
129.5 x 55 mm
■
Enclosure 1:
129.5 x 71.5 mm
■
Enclosure 2:
230.5 x 55 mm
■
Enclosure 3:
230.5 x 89 mm
■
Enclosure 4:
183.5 x 111 mm
■
Enclosure 5:
230.5 x 41 mm
EXECUTIONS
STANDARD
Scope of delivery:
■
EMC level basic plus+
■
Top and bottom extrusions as well as
front panels have conductive connections
(this protects electronics from interference)
IP54 AND EMC PROTECTION
Scope of delivery:
■
EMC level advanced plus+
■
Standard enclosure and IP54 / EMC set
■
EMC enclosure for demanding applications
■
Protects electronics from splash water and dust
IP65
Scope of delivery:
■
Protects electronics against dust and water jets
from all directions
EMC PROTECTION
Scope of delivery:
■
EMC level advanced
■
Standard enclosure and EMC gasket set
■
EMC enclosure for demanding applications
Tailored to customers needs, the Guardbox 33 is available in six different sizes.
Typical attenuation
EMC level advanced
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Frequency in MHz
Typical attenuation
EMC level advanced plus+
0
10
20
30
40
50
60
70
80
90
100
10
1001000
Frequency in MHz
Enclosure 0
129.5 x 55 mm
Enclosure 1
129.5 x 71.5 mm
Enclosure 3
230.5 x 89 mm
Enclosure 4
183.5 x 111 mm
Enclosure 2
230.5 x 55 mm
Enclosure 5
230.5 x 41 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com