Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33E511 Datasheet(PDF) 8 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 8 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.elma.com
03|21
8|16
Deckprofil
U-Profil
Frontplatte
Rahmen
Befestigungsmaterial
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Assembly Material
One set with all necessary materials for mounting one Guardbox 33.
Scope of delivery:
■
4 feet (2 folding feet, UL94 V-0) incl. screws
■
4 tapping screws to assemble the enclosure
■
Assembly material for internal extension (10 screws M3 x 8, 10 screw nut M3, 10 nut holders)
ASSEMBLY INSTRUCTIONS
Scope of delivery:
■
Detailed assembly instruction (1 page)
SUPPLEMENTARY EMC GASKET SET
■
For EMC level advanced, when using no air perforations
■
For EMC level basic, when using air perforations
■
Increased EMC level by approximate 10 dB
Scope of delivery:
■
4 berrylium-cooper contact strips
■
2 stainless steel springs
Enclosure
Light gray
Black
Stone gray
0 - 4
33-640
33-620
33-621
5
33-641
33-624
33-622
Description
Part No.
EMC protection
33E100
Standard, IP65 and IP54 / EMC protection
33-200
Enclosure
Description
Part No.
0 - 5
Increased by approx. 10 dB
33-642
Cover profile
U-shaped
Front panel
Frame
Berrylium-cooper contact strips
Stainless steel springs
Mounting of
the springs
into the groove
Fixing material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com