Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33E511 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  33E511 Datasheet HTML 1Page - Elma Electronic Ltd 33E511 Datasheet HTML 2Page - Elma Electronic Ltd 33E511 Datasheet HTML 3Page - Elma Electronic Ltd 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.elma.com
03|21
1|16
GUARDBOX 33
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Product description
MAIN FEATURES
The Guardbox 33 is an aluminum enclosure with a timeless
design in various sizes and excecutions. In addition to
handiness, shape and color, it impresses with its robust
construction. Even in the standard version of the box with
ventilation slots, it achieves IP30 and can be upgraded to
IP65 without openings (protected against dust and water
jets). The enclosure also offers excellent EMC shielding.
›
Sturdy
›
Different sizes | scalable depth
›
No visible screws
›
Optional EMC shielding
›
Heat dissipation with optional ventilation slots
›
Mounting kits for Eurocards
›
Checked for shock and vibration according to
EN50155 | EN61373
›
Adjustable folding feet
›
Optional handles
PRODUCT VARIETY
■
Standard versions (6 different sizes)
■
IP54 combined with EMC protection
■
IP65
TYPICAL APPLICATIONS
■
Test and measurement equipment
■
Laboratory and service equipment
■
Equipment on train, trams, etc.
POSSIBLE CUSTOMIZATIONS
■
Depth
■
Different colors
■
Handles
■
Special mounting options
(e.g. wall mounting or installation)


Similar Part No. - 33E511

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
33E801-03 ELMA-33E801-03  Datasheet
731Kb / 6P
GUARDBOX 33 PRO
33E801-06 ELMA-33E801-06  Datasheet
731Kb / 6P
GUARDBOX 33 PRO
33E802-03 ELMA-33E802-03  Datasheet
731Kb / 6P
GUARDBOX 33 PRO
33E803-03 ELMA-33E803-03  Datasheet
731Kb / 6P
GUARDBOX 33 PRO
33E803-06 ELMA-33E803-06  Datasheet
731Kb / 6P
GUARDBOX 33 PRO
More results

Similar Description - 33E511

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
33 OUTPUT LED DRIVER
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
33 x 120 LCD Driver
February 24, 2004
logo
DB Lectro Inc
BBS-33 DBLECTRO-BBS-33 Datasheet
72Kb / 1P
BBS-33
logo
TRIAD MAGNETICS
SP-33 TRIAD-SP-33 Datasheet
42Kb / 1P
SP-33
logo
Kemet Corporation
T500X336M035BG6310 KEMET-T500X336M035BG6310 Datasheet
98Kb / 1P
Capacitor, tantalum, 33 uF
logo
List of Unclassifed Man...
ML9270-01 ETC2-ML9270-01 Datasheet
232Kb / 13P
33-Segment VFD Driver
THT-5-423-10 ETC2-THT-5-423-10 Datasheet
785Kb / 1P
BBP 33 Label Printer
logo
Wall Industries,Inc.
ELV WALL-ELV Datasheet
114Kb / 4P
DHW24S3.3-33
logo
FIBOX Enclosing innovat...
3540631 FIBOX-3540631 Datasheet
40Kb / 1P
Ventilation device IP 33
17.08.2023
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com