Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33E511 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  33E511 Datasheet HTML 1Page - Elma Electronic Ltd 33E511 Datasheet HTML 2Page - Elma Electronic Ltd 33E511 Datasheet HTML 3Page - Elma Electronic Ltd 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.elma.com
03|21
3|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Executions
COLOR (POWDER COATING)
■
Bottom and cover: Light gray (RAL 7035), black (RAL 9005), stone gray (RAL 7032),
other colors on request (MOQ: 10 pieces, no stock)
■
Frame: Light gray (RAL 7035), black (RAL 9011), stone gray (RAL 7030)
COMPLETE ENCLOSURE SETS
Complete enclosure with EMC base level. The sets contain all necessary parts.
Scope of delivery:
■
1 basic enclosure without air perforation
■
2 frames
■
2 front / rear panels without air perforation
■
1 set assembly material
Enclosure
Color
Depth
120 mm
4.72''
180 mm
7.08''
240 mm
9.44''
300 mm
11.81''
0
Black
33E012-25
33E018-25
33E024-25
-
0
Light gray
33E012-45
33E018-45
33E024-45
-
1
Black
33E112-25
33E118-25
33E124-25
-
1
Light gray
33E112-45
33E118-45
33E124-45
-
2
Black
-
-
33E224-25
33E230-25
2
Light gray
-
-
33E224-45
33E230-45
3
Black
-
-
33E324-25
33E330-25
3
Light gray
-
-
33E324-45
33E330-45
4
Black
-
33E418-25
33E424-25
33E430-25
4
Light gray
-
33E418-45
33E424-45
33E430-45
5
Black
-
33E518-25
33E524-25
-
5
Light gray
-
33E518-45
33E524-45
-
Enclosure 0
Enclosure 1
Enclosure 5
Enclosure 2
Enclosure 3
Enclosure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com