Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9637
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics L9637 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical specification
L9637
6/15
Doc ID 1765 Rev 8
VLhigh
Input voltage HIGH state
LO output status HIGH
4.5 V
 V
S  18 V
LO output status HIGH 18 V < VS
0.55VS
12
-VS
V
VLIhys
Input threshold hysteresis
VLIhigh - VLIlow
-
0.025VS
0.8
V
ILI
Input current
VLI
 V
S VS, VCC  0 or
VS, VCC = open
-5
4
25
µA
CKi,LO,RX
Internal output capacities
-
-
20
pF
fLI-LO
fK-RX
fTX-k
Transmission frequency
9 V < VS < 16 V (external loads)
RKO = 510 , CK  1.3 nF
in active mode see Figure 5
-
-
50
kHz
trLI-LO
trK-RX
trTX-K
Rise time
for the definition of tr, tf see
Figure 3
9 V < VS < 16 V (external loads)
RKO = 510 , CK  1.3 nF
-2
6
µs
tfLI-LO
tfK-RX
tfTX-K
Fall time
-
2
6
µs
tOFF,LI-LO
tOFF,K-RX
tOFF,TX-K
Switch OFF time
for the definition of ton, tOFF see
Figure 3.
9 V < VS < 16 V (external loads)
RKO = 510 , CK  1.3 nF
(inactive mode see Figure 5)
-
4
17
µs
tON,LI-LO
tON,K-RX
tON,TX-K
Switch ON time
-
4
17
µs
1.
Specs are tested at 5V only. Compliance on Vcc full range is guaranteed by design.
2.
For output currents lower than this value a series protection diode can become active. See also Figure 8 and 9.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com