Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9637
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 1 Page - STMicroelectronics

  L9637 Datasheet HTML 1Page - STMicroelectronics L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2013
Doc ID 1765 Rev 8
1/15
15
L9637
Monolithic bus driver with ISO 9141 interface
Features
■ Operating power supply voltage range
4.5 V
 V
S  36 V (40 V for transients)
■ Reverse supply (battery) protected down to
VS  -24 V
■ Standby mode with very low current
consumption ISSB 1 mA @ VCC 0.5 V
■ Low quiescent current in off condition
ISOFF = 120 µA
■ TTL compatible TX input
■ Bidirectional K-I/O pin with supply voltage
dependent input threshold
■ Overtemperature shut down function Selective
to K-I/O pin
■ Wide input and output voltage range
-24 V
 V
K  VS
■ K output current limitation, typ. IK = 60 mA
■ Defined OFF output status in undervoltage
condition and VS or GND interruption
■ Controlled output slope for low EMI
■ High input impedance for open VS or GND
connection
■ Defined output ON status of LO or RX for open
LI or K inputs
■ Defined K output OFF for TX input open
■ Integrated pull up resistors for TX, RX and LO
■ EMI robustness optimized
Description
The L9637 is a monolithic integrated circuit
containing standard ISO 9141 compatible
interface functions.
SO8
Table 1.
Device summary
Order code
Package
Packing
L9637D
SO8
Tube
L9637D013TR
SO8
Tape and reel
E-L9637D(1)
1.
Device in ECOPACK® package (see Section 4: Package information on page 13).
SO8
Tube
E-L9637D013TR(1)
SO8
Tape and reel
www.st.com


Similar Part No. - L9637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
L9637D STMICROELECTRONICS-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
L9637D013TR STMICROELECTRONICS-L9637D013TR Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
More results

Similar Description - L9637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8577C PHILIPS-PCF8577C Datasheet
175Kb / 28P
LCD direct/duplex driver with I2C-bus interface
1998 Jul 30
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
Bus Interface Driver/Receiver IC
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com