Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9637
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics L9637 Datasheet HTML 10Page - STMicroelectronics L9637 Datasheet HTML 11Page - STMicroelectronics L9637 Datasheet HTML 12Page - STMicroelectronics L9637 Datasheet HTML 13Page - STMicroelectronics L9637 Datasheet HTML 14Page - STMicroelectronics L9637 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Functional description
L9637
12/15
Doc ID 1765 Rev 8
Figure 8.
EMS performance (ISO 9141 bus system)
Figure 9.
Input power vs. frequency diagram
VS = 1 2 V
50 Ohm
10 kH z
510 Ohm
136 Ohm
68 Ohm
1.5n F
=
40d B
P im a x = 5W
R h ode & S c h w a rtz
SM G
0 .1 - 10 00M H z
NA P
Pro b e
NAP - 7 3
RX
VS
K
IS O i n te rfa c e
VS
TX
K
IS O i n te rfa c e
D£
10 %
Signal comparison
D
P i
Δ≤± 10%
10 000
500 0
100 0
10 0
1
1 0
100
100 0
f (M H z)
no t i n c id e nt p o w e r re s i s tant
in cid e n t p o w e r r e sist a n t
P i (m W )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com