Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9637
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics L9637 Datasheet HTML 10Page - STMicroelectronics L9637 Datasheet HTML 11Page - STMicroelectronics L9637 Datasheet HTML 12Page - STMicroelectronics L9637 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
L9637
Functional description
Doc ID 1765 Rev 8
9/15
3
Functional description
The L9637 is a monolithic bus driver designed to provide bidirectional serial communication
in automotive diagnostic applications according to the specification "Diagnostic Systems
ISO9141".
The device provides a bidirectional link, called K, to the VBat related diagnosis bus. It also
includes a separate comparator L which is also able to be linked to the VBat bus. The input
TX and output RX of K are related to VCC with her integrated pull up resistances. Also the L
comparator output LO has a pull up resistance connected to VCC.
The maximum external pull up resistance at K related to VS should not be higher than RKO 
5 k
to achieve clear output ON conditions.
All VBat bus defined inputs LI and K have supply voltage dependent thresholds together with
sufficient hysteresis to suppress line spikes. These pins are protected against overvoltages,
shorts to GND and VS and can also be driven beyond VS and GND.
These features are also given for TX, RX and LI only taking into account the behavior of the
internal pull up resistances. The thermal shut down function switches OFF the K output if
the chip temperature increases above the thermal shut down threshold. To reactivate K
again the temperature must decrease below the K switch ON temp. To achieve no fault for
VS undervoltage conditions the outputs will be switched OFF and stay at high impedance.
The device is also protected against reverse battery condition. During lack of VS or GND all
pins shows high impedance characteristic. To realize a lack of the VS related bus line LI and
K the outputs LO and RX shows defined ON status.
Suppressing all 4 classes of "Schaffner" signals all pins can be load with short energy
pulses of max. ±0.2 mJ. All these features together with a high possible baud rate
>50Kbaud, controlled output slopes for low EMI, a wide power supply voltage range and a
very small quiescent current during OFF (TX LI K=High) condition ISoff typ  120 µA, and a
real standby function with zero power consumption ISSB typ  1 µA during system de
powering VCC  0.5 V make this device high efficient for automotive bus system.
After wake up of the system from OFF or SB condition the first output signal will have an
additional delay time tdtyp  5 µs see also Figure 5.
The typical output voltage behavior for the K, LO, RX outputs as a function of the output
current is shown in Figure 6. Figure 7 shows a waveform of the output signal when the low
level changes from RON * IOUT to IOUT * 2 * RON + UBE state. This variation occurs due to too
low output current or after a negative transient forced to the output or to the supply voltage
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com