Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 79Page - STMicroelectronics L9805E Datasheet HTML 80Page - STMicroelectronics L9805E Datasheet HTML 81Page - STMicroelectronics L9805E Datasheet HTML 82Page - STMicroelectronics L9805E Datasheet HTML 83Page - STMicroelectronics L9805E Datasheet HTML 84Page - STMicroelectronics L9805E Datasheet HTML 85Page - STMicroelectronics L9805E Datasheet HTML 86Page - STMicroelectronics L9805E Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
L9805E
On-chip peripherals
83/125
Bit 3 = SCIE Status Change Interrupt Enable
Read/Set/Clear
Set by software to enable an interrupt request whenever the node’s status changes in run
mode or whenever a dominant pulse is received in standby mode.
Cleared by software to disable status change interrupt requests.
Bit 2 = ORIE Overrun Interrupt Enable
Read/Set/Clear
Set by software to enable an interrupt request whenever a message should be stored and
no receive buffer is avalaible.
Cleared by software to disable overrun interrupt requests.
Bit 1 = TEIE Transmit Error Interrupt Enable
Read/Set/Clear
Set by software to enable an interrupt whenever an error has been detected during
transmission of a message.
Cleared by software to disable transmit error interrupts.
Bit 0 = ETX Early Transmit Interrupt
Read/Set/Clear
Set by software to request the transmit interrupt to occur as soon as the arbitration phase
has been passed successfully.
Cleared by software to request the transmit interrupt to occur at the completion of the
transfer.
CONTROL/STATUS REGISTER (CSR)
Adress: 005Ch - Read/Write
Reset Value: 00h
Bit 6 = BOFF Bus-Off State
Read Only
Set by hardware to indicate that the node is in bus-off state, i.e. the Transmit Error Counter
exceeds 255.
Reset by hardware to indicate that the node is involved in bus activities.
Bit 5 = EPSV Error Passive State
Read Only
Set by hardware to indicate that the node is error passive.
Reset by hardware to indicate that the node is either error active (BOFF = 0) or bus-off.
Bit 4 = SRTE Simultaneous Receive/Transmit Enable
Read/Set/Clear
Set by software to enable simultaneous transmission and reception of a message passing
the acceptance filtering. Allows to check the integrity of the communication path.
Reset by software to discard all messages transmitted by the node. Allows remote and data
frames to share the same identifier.
Bit 3 = NRTX No Retransmission
Read/Set/Clear
Set by software to disable the retransmission of unsuccessful messages.
Cleared by software to enable retransmission of messages until success is met.
7
0
0
BOFF
EPSV
SRTE
NRTX
FSYN
WKPS
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com