Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 28Page - STMicroelectronics L9805E Datasheet HTML 29Page - STMicroelectronics L9805E Datasheet HTML 30Page - STMicroelectronics L9805E Datasheet HTML 31Page - STMicroelectronics L9805E Datasheet HTML 32Page - STMicroelectronics L9805E Datasheet HTML 33Page - STMicroelectronics L9805E Datasheet HTML 34Page - STMicroelectronics L9805E Datasheet HTML 35Page - STMicroelectronics L9805E Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
Voltage regulator
L9805E
32/125
4.2
Digital section power supply
The digital supply voltage VDD is available at pin number 42 and 9. The digital ground GND
is available at pin number 43 and 12.
Pin 42 and 43 are the actual voltage regulator output and external loads must be supplied by
these pins. The 100nF compensation capacitor should be connected as close as possible to
pins 42 and 43.
Pin number 9 and 12 provide an external access to the internal oscillator supply.
Resonator’s capacitors should be grounded on pin 12.
The application board can improve noise reduction in the chip by connecting directly pin 42
to pin 9 and pin 43 to pin 12, using traces as short as possible. An additional capacitor
mounted close to pin 9 and 12 can lead additional improvement.
4.2.1
VDD short circuit protection
The output current of the digital voltage regulator is controlled by a circuit that limits it to a
maximum value (IMAXVDD). When the output current exceeds this value the VDD voltage
starts falling down. External loads must be chosen taking into account this maximum current
capability of the regulator.
4.3
Analog section power supply
The analog supply voltage is available on VCC pin. The external 100nF compensation
capacitor should be placed as close as possible to this pin and AGND pin.
VCC is the reference voltage for the AD conversion and must be used to supply ratiometric
sensors feeding AD inputs. Any voltage drop between VCC pin and the sensor supply pin on
the application board, will cause the ADC to be inaccurate when reading the sensor’s
output.
4.3.1
VCC Short Circuit Protection
The output current of the analog voltage regulator is controlled by a circuit that limits it to a
maximum value (IMAXVCC). When the output current exceeds this value the VCC voltage
starts falling down. External loads must be chosen taking into account this maximum current
capability of the regulator.
Warning:
The pin VB2 is not short circuit protected so a short circuit
on this pin will destroy the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com