Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 93Page - STMicroelectronics L9805E Datasheet HTML 94Page - STMicroelectronics L9805E Datasheet HTML 95Page - STMicroelectronics L9805E Datasheet HTML 96Page - STMicroelectronics L9805E Datasheet HTML 97Page - STMicroelectronics L9805E Datasheet HTML 98Page - STMicroelectronics L9805E Datasheet HTML 99Page - STMicroelectronics L9805E Datasheet HTML 100Page - STMicroelectronics L9805E Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
L9805E
On-chip peripherals
97/125
Note:
The DIR signal is internally synchronized with the PWM1 and PWM2 signals according to
the selected Driving Mode. After writing the DIR bit in PBCSR register, the direction
changes in correspondence with the first rising edge of PWM1. The same procedure is used
in the case of PWM2. This allows the proper control of the direction changes. When the
PWM signal is 0% or 100%, being no edges available, the DIR bit can’t be latched and the
direction does not change until a PWM edge occurs.
1
1
0
0
0
1
0
1
0
1
BRAKE
Full Bridge
1
1
0
1
0
1
1
0
0
1
FORWARD
Full Bridge
1
1
1
0
0
1
0
1
0
1
BRAKE
Full Bridge
1
1
1
1
0
1
0
1
1
0
BACK
Full Bridge
1
1
0
0
1
0
0
1
1
0
BACK
Full Bridge
1
1
0
1
1
0
1
0
0
1
FORWARD
Full Bridge
1
1
1
0
1
0
1
0
0
1
FORWARD
Full Bridge
1
1
1
1
1
0
0
1
1
0
BACK
Full Bridge
1
1
0
1
1
pwm1 pwm1 pwm2 pwm2
PWM1 ->left
PWM2->right
Two Half
Bridges
11
1
1
1
pwm1 pwm1 pwm2 pwm2
PWM1 ->left
PWM2->right
Two Half
Bridges
Table 15.
Functional description (continued)
Drive EN PWM_EN DIR PWM1 IN1 IN2
UL
DL
UR
DR
Operation Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com