Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 90Page - STMicroelectronics L9805E Datasheet HTML 91Page - STMicroelectronics L9805E Datasheet HTML 92Page - STMicroelectronics L9805E Datasheet HTML 93Page - STMicroelectronics L9805E Datasheet HTML 94Page - STMicroelectronics L9805E Datasheet HTML 95Page - STMicroelectronics L9805E Datasheet HTML 96Page - STMicroelectronics L9805E Datasheet HTML 97Page - STMicroelectronics L9805E Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 125 page
background image
On-chip peripherals
L9805E
94/125
Figure 48.
Power bridge schematic
EN bit in PBCSR is the main enable signal, active high. If EN = 0, all the bridge transistors
are switched off (UL, UR, DL and DR are reset) and the outputs OUTL and OUTR are in
high impedance state.
Being '0' the status of EN after reset, the bridge is in safe condition (OUTL=OUTR=Z).
Therefore the safe condition is guaranteed in undervoltage condition (LVD reset) and in
case of main clock (Safeguard reset) or software (Watchdog reset) failures.
Each power DMOS has its own over current detector circuit generating SC_xx signals (see
Figure 48). SC_xx signals are ORed together to generate SC flag in PBCSR register.
SC flag is then set by hardware as soon as one of the two outputs (or both) are short to
battery, ground or if the two outputs are short together (load short). This read only bit is
reset only by clearing the EN bit. The rising edge of SC causes an interrupt request if the
PIE bit is set in PBCSR register.
When the current monitored in any of the four DMOS of the bridge exceeds limit threshold
ISC, the SC bit is set and the corresponding DMOS is switched off after tSCPI time. This
function is dominant over any write from data bus by software (i. e. as long as SC is set, the
bridge cannot be switched on).
To switch as the bridge again the EN bit must be cleared by software. This resets the SC bit.
Setting again EN, the bridge is switched on. If the overcurrent condition is still present, SC is
set again (and an interrupt is generated when enabled).
An internal thermal protection circuit monitors continuously the temperature of the device
and drives the OVT bit in PBCSR register and, in turn, the OVT signal in Figure 48.
The OVT flag is set as soon as the temperature of the chip exceeds Thw and all the
transistors of the bridge are switched off. This rising edge causes an interrupt request if the
PIE bit is set. This read only bit is reset only by clearing the EN bit. This function is dominant
over any write from data bus by software (i. e. as long as OVT is set the bridge cannot be
switched on).
To switch the bridge on again the EN bit must be cleared by software. This resets the OVT
bit. Setting again EN, the bridge is switched on. If the overtemperature condition is still
present, OVT is set again (and an interrupt is generated when enabled).
VBR
PGND
OUTR
VBL
PGND
OUTL
UL
UR
DL
DR
SC_UL
OVT
SC_DL
OVT
SC_DR
OVT
SC_UR
OVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com