Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR035PTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99VR035PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR035PTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99VR035PTR Datasheet HTML 6Page - STMicroelectronics L99VR035PTR Datasheet HTML 7Page - STMicroelectronics L99VR035PTR Datasheet HTML 8Page - STMicroelectronics L99VR035PTR Datasheet HTML 9Page - STMicroelectronics L99VR035PTR Datasheet HTML 10Page - STMicroelectronics L99VR035PTR Datasheet HTML 11Page - STMicroelectronics L99VR035PTR Datasheet HTML 12Page - STMicroelectronics L99VR035PTR Datasheet HTML 13Page - STMicroelectronics L99VR035PTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
3
Application information
Figure 15. Application schematic
Vbat
VS
VO
C1
C2
C0
Input ceramic capacitor C2 ≥ 1 μF is necessary for the regulator to operate properly.
The other input capacitor C1 can be used as a backup supply for the application. The C0 capacitor, connected to
the output pin, is for bypassing to GND the high-frequency noise and it guarantees stability even during sudden
line and load variations.
Tiny output capacitors reduce board space and BOM cost: stable operation with 2.2 μF capacitor min, 4.7 μF
recommended to improve load transient response. 5 Ω ≥ ESR ≥ 10 mΩ.
Figure 16. Stability plane
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
COUT [μF]
UNTESTED AREA
STABILITY AREA
INSTABILITY AREA
Vs = 14 V, Vout = 5 V, Iout = 150 mA
3.1
Voltage regulator
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this structure, a very low
dropout voltage at current up to IO = 300 mA is obtained. The high-precision of the output voltage (±2%) is
obtained with a pretrimmed reference voltage. The voltage regulator automatically adapts its own quiescent
current to the output current level. In light load conditions, the quiescent current goes down to Iq_LL = 3.5 µA.
L99VR03 operates with reduced input voltage (post regulation) minimizing the internal power dissipation and
maximizing the output current. During initial power-up, after a thermal shutdown and a short to ground event, the
regulator has a soft start incorporated to control initial current through the pass element and the output capacitor.
L99VR03
Applicationinformation
DS14803 - Rev 2
page 10/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com