Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR035PTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99VR035PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR035PTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99VR035PTR Datasheet HTML 13Page - STMicroelectronics L99VR035PTR Datasheet HTML 14Page - STMicroelectronics L99VR035PTR Datasheet HTML 15Page - STMicroelectronics L99VR035PTR Datasheet HTML 16Page - STMicroelectronics L99VR035PTR Datasheet HTML 17Page - STMicroelectronics L99VR035PTR Datasheet HTML 18Page - STMicroelectronics L99VR035PTR Datasheet HTML 19Page - STMicroelectronics L99VR035PTR Datasheet HTML 20Page - STMicroelectronics L99VR035PTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Figure 24. Rthj-amb vs PCB copper area in still air condition - PWSSO12
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
0
2
4
6
8
10
RTHj_amb
Rthj_amb(°C/W)
PCB (2 layers 2 oz) Cu heatsink area (cm^2)
Footprint
Figure 25. Thermal impedance curves junction to ambient - PWSSO12
1
10
100
0.01
0.10
1.00
10.00
100.00
1000.00
ZTH (°C/W)
Time (s)
Cu = footprint
Cu = 2 cm2
Cu = 8 cm2
4 Layers
Pulse calculation formula:
ZTHδ=RTH.δ+ZTHtp1−δ
(1)
Where:
δ=tp/T
L99VR03
Package andPCB thermal data
DS14803 - Rev 2
page 17/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com