Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR035PTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99VR035PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR035PTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99VR035PTR Datasheet HTML 20Page - STMicroelectronics L99VR035PTR Datasheet HTML 21Page - STMicroelectronics L99VR035PTR Datasheet HTML 22Page - STMicroelectronics L99VR035PTR Datasheet HTML 23Page - STMicroelectronics L99VR035PTR Datasheet HTML 24Page - STMicroelectronics L99VR035PTR Datasheet HTML 25Page - STMicroelectronics L99VR035PTR Datasheet HTML 26Page - STMicroelectronics L99VR035PTR Datasheet HTML 27Page - STMicroelectronics L99VR035PTR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Contents
1
Block diagram and pin description .................................................2
1.1
Block diagram ................................................................. 2
1.2
Pin description ................................................................. 3
2
Electrical specifications ...........................................................5
2.1
Absolute maximum ratings....................................................... 5
2.2
Thermal data .................................................................. 5
2.2.1
Thermal resistance ....................................................... 5
2.2.2
Thermal protection ....................................................... 5
2.3
Electrical characteristics......................................................... 6
2.4
Electrical characteristics curves .................................................. 8
3
Application information ...........................................................10
3.1
Voltage regulator .............................................................. 10
3.2
Output current limitation ........................................................ 11
3.3
Enable ...................................................................... 11
3.4
Undervoltage lockout UVLO .................................................... 12
3.5
Thermal protection ............................................................ 13
4
Package and PCB thermal data ...................................................14
4.1
VFDFN8 thermal data.......................................................... 14
4.2
PWSSO12 thermal data ........................................................ 15
5
Package information..............................................................19
5.1
VFDFN8 (3x2x0.9 mm 8L wettable flanks) package information ...................... 19
5.2
PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package information................. 21
5.3
VFDFN8 packaging information ................................................. 22
5.4
PWSSO12 packaging information................................................ 23
Revision history .......................................................................24
L99VR03
Contents
DS14803 - Rev 2
page 25/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com