Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR035PTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99VR035PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR035PTR Datasheet(HTML) 2 Page - STMicroelectronics

  L99VR035PTR Datasheet HTML 1Page - STMicroelectronics L99VR035PTR Datasheet HTML 2Page - STMicroelectronics L99VR035PTR Datasheet HTML 3Page - STMicroelectronics L99VR035PTR Datasheet HTML 4Page - STMicroelectronics L99VR035PTR Datasheet HTML 5Page - STMicroelectronics L99VR035PTR Datasheet HTML 6Page - STMicroelectronics L99VR035PTR Datasheet HTML 7Page - STMicroelectronics L99VR035PTR Datasheet HTML 8Page - STMicroelectronics L99VR035PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Functional block diagram
THERMAL
SHUTDOWN
CURRENT LIMITER
VOLTAGE
REFERENCE
POWER DRIVER
START - UP
VO
-
+
GND
EN
VS
L99VR03
Block diagram and pin description
DS14803 - Rev 2
page 2/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com