Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3106 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3106
Description  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3106 Datasheet HTML 1Page - Global Connector Technology USB3106 Datasheet HTML 2Page - Global Connector Technology USB3106 Datasheet HTML 3Page - Global Connector Technology USB3106 Datasheet HTML 4Page - Global Connector Technology USB3106 Datasheet HTML 5Page - Global Connector Technology USB3106 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
2 
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
1.0 SCOPE
.  
This specification covers performance, tests and quality requirements for the Micro USB
Receptacle USB3106 (Type AB, 5-Pin, Through Hole, Vertical).
 
 
2.0 PRODUCT NAME AND PART NUMBER.
Micro USB Receptacle, Type A/B, Vertical,
Through-Hole with 2.30mm (Standard) Shell Stakes: USB3106.
3.0 PRODUCT SHAPE, DIMENSIONS AND MATERIAL.
Please refer to drawings.
4.0 RATINGS.
4.1 Current rating: Signal (Pins 2, 3, 4)
1.0A
Power (Pins1, 5).....
1.8A
4.2 Voltage rating ………………………
30 V
4.3 Operating Temperature Range ……
-55°C to +85°C 
5.0 TEST AND MEASUREMENT CONDITIONS.
Product is designed to meet electrical, mechanical and environmental performance requirements
specified in Paragraph 6.0. All tests are performed in ambient conditions unless
otherwise specified.
6.0 PERFORMANCE.
Item
Test Condition
Requirement
Examination of Product
Visual, dimensional and functional
inspection as per quality plan.
Product shall meet requirements
of product drawing and
specification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com