Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3106 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB3106
Description  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 3 Page - Global Connector Technology

  USB3106 Datasheet HTML 1Page - Global Connector Technology USB3106 Datasheet HTML 2Page - Global Connector Technology USB3106 Datasheet HTML 3Page - Global Connector Technology USB3106 Datasheet HTML 4Page - Global Connector Technology USB3106 Datasheet HTML 5Page - Global Connector Technology USB3106 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
3 
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
6.1 Electrical Performance.
Item
Test Condition
Requirement
Low-signal Level
Contact Resistance
Subject mated contacts assembled in
housing to 20mV Max open circuit at
100mA Max. In accordance with
EIA-364-23.
30 mΩ max.
Insulation Resistance
Mate/Un-mate connectors, apply
100V DC for 1 minute between adjacent
terminal or ground. In accordance with
EIA-364-21.
1000 MΩ min.
Dielectric Withstanding
Voltage
The dielectric must withstand 100VAC for
one minute.
In accordance with EIA-364-20.
No Breakdown
Temperature Rise
Mated plugs and measure the
temperature rise of contact when the
maximum rated current is passed.
In accordance with EIA-364-70
30°C max change allowed
6.2 Mechanical Performance.
Item
Test Condition
Requirement
Mating Force
Operation Speed: 12.5 mm/min.
Measure the force required to mate
connector. In accordance with
EIA-364-13.
35N max.
Un-mating Force
Operation Speed: 12.5mm/min.
Measure the force required to unmate
connector. In accordance with
EIA-364-13.
Initial: 10N min.
Final: 8N min.
25N max.
Durability
Operation Speed: 500 cycle/Hour
(automatically) or 200 cycle/Hour (manual
cycle) Durability Cycles: 10,000 Cycles
In accordance with EIA-364-09.
Appearance: No breakdown
Mating force: 35N maximum.
Un-mating force: 8N minimum.
25N max
LLCR: 30 mΩ max.
Vibration
Mated USB connectors are subjected to
5.35 GRMS. 15minutes in each of three
mutually perpendicular planes.
In accordance with EIA-364-28
Test Condition V Test Letter A
Appearance: No Damage
Contact Resistance:
10 mΩ max change allowed.
Discontinuity: 1.0 microsecond
max.
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com