Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3106 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3106
Description  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3106 Datasheet HTML 1Page - Global Connector Technology USB3106 Datasheet HTML 2Page - Global Connector Technology USB3106 Datasheet HTML 3Page - Global Connector Technology USB3106 Datasheet HTML 4Page - Global Connector Technology USB3106 Datasheet HTML 5Page - Global Connector Technology USB3106 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
1 
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
 
  


Similar Part No. - USB3106

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
More results

Similar Description - USB3106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com