Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3106 Datasheet(PDF) 4 Page - Global Connector Technology

Part # USB3106
Description  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 4 Page - Global Connector Technology

  USB3106 Datasheet HTML 1Page - Global Connector Technology USB3106 Datasheet HTML 2Page - Global Connector Technology USB3106 Datasheet HTML 3Page - Global Connector Technology USB3106 Datasheet HTML 4Page - Global Connector Technology USB3106 Datasheet HTML 5Page - Global Connector Technology USB3106 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
4 
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
Item
Test Condition
Requirement
Mechanical Shock
Mated USB connectors are subjected to
5.35 GRMS. 15minutes in each of three
mutually perpendicular planes. In
accordance with EIA-364-28.
Test Condition V Test Letter A
Appearance: No Damage
Contact Resistance:
10 mΩ max change allowed.
Discontinuity: 1 microsecond max.
6.3 Environmental Performance and Others.
Item
Test Condition
Requirement
Thermal Shock
Subject the mated connectors to 10
cycles between -55°C to +85°C.
In accordance with EIA364-32,
Test Condition I.
Appearance: No Damage
Contact Resistance:
10 mΩ max change allowed.
Humidity Test
168 Hours minimum (seven complete
cycles) In accordance with EIA-364-31.
Test Method III
Appearance: No Damage
Contact Resistance:
10 mΩ max change allowed.
Salt Spray
Subject mated/unmated connectors to 5%
salt-solution concentration, 35°C for 24
hours. In accordance with EIA-364-26.
No visible rust
Temperature Life
Mate plugs and expose to 85 +/- 2°C for
500 hours, Upon completion of the
exposure period, the test specimens shall
be conditioned at ambient room
conditions for 1 to 2 hours, after which
the specified measurements shall be
performed. In accordance with
EIA-364-17.
Appearance: No Damage
Contact Resistance:
10 mΩ max Change allowed.
Solderability
Dip solder-tails in solder bath at
245 +/- 5°C for 4.5 ~ 5.5 seconds
In accordance with MIL-STD-202F,
Method 208
95% of immersed area must show
no voids, pin holes
Resistance to Soldering
Heat
(Wave Solder)
Subject mate connectors to chamfer with
temperature: 260 +/- 5 °C
time: 3-5 seconds
Without deformation of case or
excessive looseness of the
terminals (pin)
Resistance to Soldering
Heat
(Reflow Solder)
Subject mate connectors to reflow
machine with peak temperature:
260 +/- 5°C
peak temperature duration: 10 seconds
Without deformation of case or
excessive looseness of the
terminals (pin)
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com