Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8607 Datasheet(PDF) 3 Page - TEKTRONIX, INC

Part # 8607
Description  Sub-femtoamp Remote SourceMeter SMU Instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

8607 Datasheet(HTML) 3 Page - TEKTRONIX, INC

  8607 Datasheet HTML 1Page - TEKTRONIX, INC 8607 Datasheet HTML 2Page - TEKTRONIX, INC 8607 Datasheet HTML 3Page - TEKTRONIX, INC 8607 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
VolTaGE MEasurEMENT aCCuraCY (4-WIrE sENsE)3
range
Max. resolution
Input2
resistance
accuracy (23°C ± 5°C)
1 Year, ±(%rdg + volts)
200.000 mV
1 µV
>1016
W
0.012% + 350 µV
2 .00000
V
10 µV
>1016
W
0.012% + 350 µV
20.0000
V
100 µV
>1016
W
0.015% +
1.5 mV
200.000
V
1 mV
>1016
W
0.015% + 10 mV
TEMPERATURE COEFFICIENT (0°–18°C and 28°–40°C): ±(0.15
× accuracy specification)/°C.
aDDITIoNal MEasurE sPECIfICaTIoNs
OUTPUT SETTLING TIME (typical to 10% of final value): <2s, 1pA and 10pA ranges; <50ms,
100pA through 10nA ranges; <5ms, 100nA through 100mA ranges .
CURRENT NOISE: When observed over 1 minute intervals, peak to peak noise will be within
400aA (typical) during 90% of the intervals using Autofilter (5s 10% to 90% rise time), with triax
connectors capped, Autozero OFF, Source Delay = 0, on the 1pA range for at least 3 minutes.
CurrENT MEasurEMENT aCCuraCY (2- or 4-WIrE sENsE)4
range
Max.
resolution
Voltage
burden5
accuracy
(23°C ± 5°C)
1 Year
±(%rdg + amps)
1.00000 pA
10 aA
< 1mV
1.0
% +
7 fA
10.0000 pA
100 aA
< 1mV
0.50 % +
7 fA
100.000 pA
1 fA
< 1mV
0.15 % + 30 fA
1.00000 nA
10 fA
< 1mV
0.050 % + 200 fA
10.0000 nA
100 fA
< 1mV
0.050 % +
2 pA
100.000 nA
1 pA
< 1mV
0.050 % + 20 pA
1.00000 µA
10 pA
< 1mV
0.050 % + 300 pA
10.0000 µA
100 pA
< 1mV
0.050 % +
2 nA
100.000 µA
1 nA
< 1mV
0.025 % +
6 nA
1.00000 mA
10 nA
< 1mV
0.027 % + 60 nA
10.0000 mA
100 nA
< 1mV
0.035 % + 600 nA
100.000 mA
1 µA
< 1mV
0.055 % +
6 µA
TEMPERATURE COEFFICIENT (0°–18°C and 28°–40°C): ±[(0.15
× accuracy specification) +
1fA]/°C .
INPUT CURRENT: <3fA at 23°C, <40% RH; typically ±0.5fA/°C around 23°C, <40% RH .
CoNDENsED MEasurE sPECIfICaTIoNs 1
rEsIsTaNCE MEasurEMENT aCCuraCY (4-WIrE sENsE WITH rEMoTE PrEaMP)
Source I Mode, Auto Ohms
Normal accuracy
Enhanced accuracy
Max.
Default
(23°C ± 5°C)
(23°C ± 5°C) 7
range
resolution
Test Current
1 Year, ±(%rdg + ohms)
1 Year, ±(%rdg + ohms)
<2 .00000
W 6
1 µ
W
—
Source I
ACC + Measure VACC
Measure I
ACC + Measure VACC
20.0000
W
100 µ
W
100 mA
0.098% + 0.003
W
0.068% + 0.001
W
200.000
W
1 m
W
10 mA
0.077% +
0.03
W
0.048% +
0.01
W
2 .00000 k
W
10 m
W
1 mA
0.066% +
0.3
W
0.040% +
0.1
W
20.0000 k
W
100 m
W
100 µA
0.063% +
3
W
0.038% +
1
W
200.000 k
W
1
W
10 µA
0.082% +
30
W
0.064% +
10
W
2 .00000 M
W
10
W
1 µA
0.082% +
300
W
0.064% +
100
W
20.0000 M
W
100
W
1 µA
0.085% +
1 k
W
0.067% +
500
W
200.000 M
W
1 k
W
100 nA
0.085% +
10 k
W
0.068% +
5 k
W
2 .00000 G
W
10 k
W
10 nA
0.085% +
100 k
W
0.070% +
50 k
W
20.0000 G
W
100 k
W
1 nA
0.085% +
1 M
W
0.070% +
500 k
W
200.000 G
W
1 M
W
100 pA
0.205% +
10 M
W
0.185% +
5 M
W
2 .00000 T
W
10 M
W
10 pA
0.822% +
100 M
W
0.619% +
50 M
W
20.0000 T
W
100 M
W
1 pA
2 .06%
+
1 G
W
1.54% +
500 M
W
>20.0000 T
W 6
—
—
Source I
ACC + Measure VACC
Measure I
ACC + Measure VACC
TEMPERATURE COEFFICIENT (0°–18°C and 28°–40°C): ±(0.15
× accuracy specification)/°C.
SOURCE I MODE, MANUAL OHMS: Total uncertainty = I source accuracy + V measure accuracy
(4-wire sense).
SOURCE V MODE: Total uncertainty = V source accuracy + I measure accuracy (4-wire sense).
6-WIRE OHMS MODE: Available using active ohms guard and guard sense (mainframe rear panel
ONLY). Max. Guard Output Current: 50 mA . Accuracy is load dependent . Refer to manual for
calculation formula .
MAINFRAME GUARD OUTPUT RESISTANCE: 0.1
W in ohms mode.
NoTEs
1. Speed = 10 PLC, Autofilter ON, properly zeroed and settled .
2 . Source I mode, I = 0 .
3. Voltage measurement accuracy is not affected by the remote preamp.
4 . Current measurement accuracy is not affected by the remote preamp; however, the 1pA through 100nA ranges
are available only when using a preamp.
5. 4-wire mode .
6 . Manual ohms mode only.
7. Source readback enabled, offset compensation ON . Source delay must be programmed such that the source is
fully settled for each reading .
6430
Sub-Femtoamp Remote
SourceMeter® SMU Instrument



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com