Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8607 Datasheet(PDF) 1 Page - TEKTRONIX, INC

Part # 8607
Description  Sub-femtoamp Remote SourceMeter SMU Instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

8607 Datasheet(HTML) 1 Page - TEKTRONIX, INC

  8607 Datasheet HTML 1Page - TEKTRONIX, INC 8607 Datasheet HTML 2Page - TEKTRONIX, INC 8607 Datasheet HTML 3Page - TEKTRONIX, INC 8607 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
The Model 6430 Sub-Femtoamp Remote
SourceMeter SMU Instrument combines the
voltage and current sourcing and measurement
functions of Keithley’s popular SourceMeter
SMU instruments with sensitivity, noise, and
input resistance specifications superior to
electrometers. This unique combination of broad
functionality and exceptional measurement
integrity is made possible by the Model 6430’s
Remote PreAmp, which offers a very sensitive
bi-directional amplifier with sensitive feedback
elements for measuring or sourcing currents at
the device being tested. The high level signals
output by the Remote PreAmp are sent to the
controlling mainframe via a two-meter cable.
This allows the user to make a direct or very
short connection to the signal, minimizing the
effects of cable noise.
The Model 6430 makes voltage, current, and
resistance measurements at speeds no electrom-
eter can match. It can read up to 2000 source/
measure readings per second into internal memory. Currents can be measured in as little as 5ms on
the 100nA range, decreasing to just a few hundred microseconds on the higher ranges.
The Model 6430’s distinguishing features include its excellent low current sensitivity and the Remote
PreAmp, which makes this sensitivity useful by eliminating long input cables. The Remote PreAmp
is an integral part of the Model 6430’s feedback measuring system that cannot be operated indepen-
dently from the measurement mainframe, although it can be separated from the mainframe by up to
two meters of connection cable carrying high level signals.
applications
The Model 6430’s capabilities make it equally
useful for research work and for evaluating
sophisticated components in test labs for low-
current, high-resistance, or sensitive semicon-
ductor measurements. The low noise and drift
performance of the Model 6430 also makes it
well suited for research studies in single electron
devices, highly resistive nanowires and nano-
tubes, polymers, highly resistive nanomaterials,
and electrochemical amperometry applications.
High speed Data Handling
The Model 6430 can read more than 2000 read-
ings per second into its internal memory buffer.
The IEEE-488 bus output can transmit up to
75 source/measure readings per second to an
external computer controller, including pass/fail
indication.
• 0.4fa p-p (4E–16a) noise
(typical)
• remote Preamp can be located
at the signal source to minimize
cable noise
• >1016
W input resistance on
voltage measurements
• High speed — up to 2000
readings/second
• up to 6½-digit resolution
• fast characterization
of components with
programmable digital I/o and
interfaces
+100mA
–100mA
+10mA
+20V
–20V
+200V
–200V
–10mA
The Model 6430 provides four-quadrant
sourcing of up to 2.2W, as well as measure-
ment sensitivity down to sub-femtoamp and
microvolt levels. It can measure currents
from the 1pa range (with just 0.4fa p-p noise
typical) up to the 100ma range at up to 20V.
Voltage ranges from 200mV to 200V are
available. Current and voltage range settings
define the maximum source or sink voltage
or current.
6430
Sub-femtoamp Remote
SourceMeter® SMU Instrument


Similar Part No. - 8607

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8607 FILTRAN-8607 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8607 ETC2-8607 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8607 APITECH-8607 Datasheet
1Mb / 2P
Data Communication Circuits
logo
TEKTRONIX, INC.
8607 TEKTRONIX-8607 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
8607 TEKTRONIX-8607 Datasheet
282Kb / 4P
Picoammeter/ Voltage Source
More results

Similar Description - 8607

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
TEKTRONIX, INC.
2400 TEKTRONIX-2400 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
2600B TEKTRONIX-2600B Datasheet
1Mb / 35P
2600B System SourceMeter SMU Instruments
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
2606B System SourceMeter SMU Instrument
2651A TEKTRONIX-2651A Datasheet
647Kb / 7P
50A, High Power System SourceMeter짰 SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
High Power System SourceMeter SMU Instrument
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
2600B System SourceMeter® SMU Instruments
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com