Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8607 Datasheet(PDF) 4 Page - TEKTRONIX, INC

Part # 8607
Description  Sub-femtoamp Remote SourceMeter SMU Instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

8607 Datasheet(HTML) 4 Page - TEKTRONIX, INC

  8607 Datasheet HTML 1Page - TEKTRONIX, INC 8607 Datasheet HTML 2Page - TEKTRONIX, INC 8607 Datasheet HTML 3Page - TEKTRONIX, INC 8607 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
CoNDENsED sourCE sPECIfICaTIoNs4
VolTaGE ProGraMMING aCCuraCY (4-WIrE sENsE)5
accuracy (1 Year)
Noise
Programming
23°C ±5°C
(peak-peak)
range
resolution
±(% rdg. + volts)
0.1Hz – 10Hz
200.000 mV
5 µV
0.02% + 600 µV
5 µV
2 .00000 V
50 µV
0.02% + 600 µV
50 µV
20.0000 V
500 µV
0.02% + 2 .4 mV
500 µV
200.000 V
5 mV
0.02% + 24 mV
5 mV
TEMPERATURE COEFFICIENT (0°–18°C and 28°–40°C): ±(0.15
× accuracy specification)/°C.
MAX. OUTPUT POWER: 2 .2W (four quadrant source or sink operation).
SOURCE/SINK LIMITS: ±21V @ ±105mA, ±210V @ ±10.5mA .
VOLTAGE REGULATION: Line: 0.01% of range. Load: 0.01% of range + 100µV.
NOISE 10Hz–1MHz (p-p): 10mV.
OVER VOLTAGE PROTECTION: User selectable values, 5% tolerance. Factory default = None.
CURRENT LIMIT: Bipolar current limit (compliance) set with single value. Min . 0.1% of range.
CurrENT ProGraMMING aCCuraCY (WITH rEMoTE PrEaMP)
accuracy (1 Year)4
Noise
Programming
23°C ±5°C
(peak-peak)
range
resolution
±(% rdg. + amps)
0.1Hz – 10Hz
1.00000 pA
50 aA
1.0
% + 10 fA
5 fA
10.0000 pA
500 aA
0.50 % + 30 fA
10 fA
100.000 pA
5 fA
0.15 % + 40 fA
20 fA
1.00000 nA
50 fA
0.050 % + 200 f A
50 fA
10.0000 nA
500 fA
0.050 % +
2 pA
500 fA
100.000 nA
5 pA
0.050 % + 20 pA
3 pA
1.00000 µA
50 pA
0.050 % + 300 pA
20 pA
10.0000 µA
500 pA
0.050 % +
2 nA
200 pA
100.000 µA
5 nA
0.031 % + 20 nA
500 pA
1.00000 mA
50 nA
0.034 % + 200 nA
5 nA
10.0000 mA
500 nA
0.045 % +
2 µA
50 nA
100.000 mA
5 µA
0.066 % + 20 µA
500 nA
TEMPERATURE COEFFICIENT (0°–18°C and 28°–40°C): ±(0.15
× accuracy specification)/°C.
MAX. OUTPUT POWER: 2 .2W (four quadrant source or sink operation).
SOURCE/SINK LIMITS: ±10.5mA @ ±210V, ±105mA @ ±21V .
CURRENT REGULATION: Line: 0.01% of range. Load: 0.01% of range + 1fA .
VOLTAGE LIMIT: Bipolar voltage limit (compliance) set with single value. Min . 0.1% of range.
CoNDENsED sYsTEM sPEEDs
NoTEs
1. Reading rates applicable for voltage or current measurements . Auto zero off, autorange off, filter off, display
off, trigger delay = 0, source auto clear off, and binary reading format .
2 . Pass/Fail test performed using one high limit and one low math limit .
3. Includes time to re-program source to a new level before making measurement .
4 . For sink mode, 1pA to 100mA range, accuracy is ±(0 .15% + offset*4).
5. Voltage source accuracies are not affected by the remote preamp.
GENEral
Noise rejection:
NPlC
NMrr
CMrr
Fast
0.01
—
80 dB
Medium
0.1
—
80 dB
Normal
1
60 dB
90 dB
LOAD IMPEDANCE: Stable into 20,000pF on the 100mA through 100µA ranges, 470pF on the
10µA and 1µA ranges, and 100pF on the nA and pA ranges. Refer to the User’s Manual for
details on measuring large capacitive loads.
COMMON MODE VOLTAGE: ±42VDC maximum .
COMMON MODE ISOLATION: >109
W, <1000pF.
OVERRANGE: 105% of range, source and measure.
MAX. VOLTAGE DROP BETWEEN INPUT/OUTPUT AND SENSE TERMINALS: 5V. (To meet
specified accuracy with 4-wire sense, refer to the User’s Manual .)
MAX. SENSE LEAD RESISTANCE: 10W for rated accuracy.
SENSE INPUT RESISTANCE: 1M
W.
MAINFRAME GUARD OFFSET VOLTAGE: 300µV, typical .
PREAMP GUARD OFFSET VOLTAGE: 1mV, typical .
PREAMP GUARD OUTPUT RESISTANCE: 110k
W.
SOURCE OUTPUT MODES: Fixed DC level, Memory List (mixed function), Stair (linear
and log).
SOURCE MEMORy LIST: 100 points max .
MEMORy BUFFER: 5,000 readings @ 5½ digits (two 2,500 point buffers). Includes
selected measured value(s) and time stamp . Lithium battery backup (3 yr+ battery life).
DIGITAL INTERFACE:
Safety Interlock: Active low input .
Handler Interface: Start of test, end of test, 3 category bits . +5V @ 300mA supply.
Digital I/O: 1 trigger input, 4 TTL/Relay Drive outputs (33V @ 500mA sink, diode
clamped).
PROGRAMMABILITy: IEEE-488 (SCPI-1995.0), RS-232, 5 user-definable power-up states plus
factory default and *RST.
POWER SUPPLy: 100V–240V rms, 50–60Hz (automatically detected at power up),
100VA max .
EMC: Conforms with European Union Directive 89/336/EEC EN 55011, EN 50082-1, EN 61000-
3-2 and 61000-3-3, FCC part 15 class B .
SAFETy: Conforms with European Union Directive 73/23/EEC EN 61010-1.
VIBRATION: MIL-PRF-28800F, Class 3.
WARM-UP: 1 hour to rated accuracies .
DIMENSIONS: 89mm high
× 213mm wide × 370mm deep (3½ in × 83⁄8 in × 149⁄16 in). Bench
Configuration (with handle and feet): 104mm high
× 238mm wide × 370mm deep (41⁄8 in
× 93⁄8 in × 149⁄16 in).
Amplifier: 20mm high
× 57mm wide × 97mm deep (0.783 in × 2.225 in × 3.75 in).
WEIGHT: 5.9kg (13 lbs).
ENVIRONMENT: Operating: 0°–40°C, 60% R .H . (non-condensing) up to 35°C . Derate 5%
R .H ./°C, 35°–40°C . Storage: –25°C to 65°C . Non-condensing humidity.
MEasurEMENT1
MAXIMUM RANGE CHANGE RATE: 75/second .
SINGLE READING OPERATION READING RATES (rdg/second) FOR 60Hz (50Hz):
speed
NPlC/
Trigger origin
Measure
To GPIb
source-
Measure3
To GPIb
source-Measure
Pass/fail Test2, 3
To GPIb
Fast
0.01 / internal
256 (256)
83 (83)
83 (83)
Medium
0.10 / internal
181 (166)
73 (70)
73 (70)
Normal
1.00 / internal
49 (42)
35 (31)
34 (30)
6430
Sub-Femtoamp Remote
SourceMeter® SMU Instrument



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com