Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8607 Datasheet(PDF) 2 Page - TEKTRONIX, INC

Part # 8607
Description  Sub-femtoamp Remote SourceMeter SMU Instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

8607 Datasheet(HTML) 2 Page - TEKTRONIX, INC

  8607 Datasheet HTML 1Page - TEKTRONIX, INC 8607 Datasheet HTML 2Page - TEKTRONIX, INC 8607 Datasheet HTML 3Page - TEKTRONIX, INC 8607 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
ordering Information
6430
sub-femtoamp
remote sourceMeter
sMu Instrument
accessories supplied
6430-322-1b
low Noise Triax Cable,
3-slot triax to alligator
clips, 20cm (8 in)
8607
safety High Voltage
Dual Test leads
Ca-176-1E Preamp Cable,
2m (6.6 ft)
Ca-186-1b banana lead to
screw Terminal
adapter
CaP-31
3-lug Protective
Cap (2)
Instruction Manual
2x10–15A
1x10–15A
0
–1x10–15A
–2x10–15A
01234
5
Hours
1 fA
1x10–15A
0
–1x10–15A
1 fA
0102030405060708090100
Seconds
Typical applications:
Semiconductor
measurements
Gate leakage or channel
leakage in FET-based com-
ponents can generate errors
in MOSFETs, JFETs, analog
switches, and many other
circuits. By allowing research-
ers to measure extremely
low-level currents and voltag-
es, the Model 6430 can help
them understand the design
limitations of these components and investigate alternative device structures or materials.
SET research
The Model 6430’s superior low current measurement ability (0.4fA p-p noise typical) makes it
extremely useful for single electron transistor (SET) and quantum-dot research. Using a technique
similar to a lock-in, the 6430 can measure currents with 1aA sensitivity (10–18A = 6 electrons/second).
The Measurement Industry’s lowest Noise and Drift
This data illustrates the Model 6430’s impressive stability over a five-hour period, as well as its low
short-term noise performance. This signal trace was acquired using the instrument’s AUTOFILTER
with a 5-second rise time on the 1pA range. The inset close-up is a snapshot of the filtered signal,
showing the Model 6430’s low noise during the first 100-second period. The data was taken in a
laboratory environment where temperature varied about 1°C, with the instrument’s IN/OUT HI and
SENSE leads capped.
Measuring fET Gate leakage and Channel Currents
Model 6430
Model 6430
D
G
G
A
IG
VGS
VDS
ID
A
S
S
D
+
+
6430
Sub-Femtoamp Remote
SourceMeter® SMU Instrument
aCCEssorIEs aVaIlablE
7007-1
Shielded GPIB Cable, 1m (3.3 ft)
7007-2
Shielded GPIB Cable, 2m (6.6 ft)
7007-4
Shielded GPIB Cable, 4m (13.1 ft)
7007-05
Shielded GPIB Cable, 0.5m (1.6 ft)
7078-TRX-6IN
3-slot, Low Noise, 0.15m (0.5 ft) Guarded
Triax Cable
8501-1
Trigger Link Cable, 1m (3.3 ft.)
8501-2
Trigger Link Cable, 2m (6.6 ft.)
8502
Trigger Link Adapter Box
8503
Trigger Link DIN-to-BNC Trigger Cable
KPCI-488LPA
IEEE-488 Interface/Controller for the PCI Bus
KUSB-488B
IEEE-488 USB-to-GPIB Interface Adapter
sErVICEs aVaIlablE
TRN-2400-1-C
Course: Unleashing the Power of Your
SourceMeter SMU Instrument
6430-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
C/6430-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3
years of purchase*
*Not available in all countries



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com