Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969S Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 4Page - STMicroelectronics L9969S Datasheet HTML 5Page - STMicroelectronics L9969S Datasheet HTML 6Page - STMicroelectronics L9969S Datasheet HTML 7Page - STMicroelectronics L9969S Datasheet HTML 8Page - STMicroelectronics L9969S Datasheet HTML 9Page - STMicroelectronics L9969S Datasheet HTML 10Page - STMicroelectronics L9969S Datasheet HTML 11Page - STMicroelectronics L9969S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Pin #
Pin name
Description
I/O type Class
High-level disables the power stage (OUT21 and OUT22)
16
DIR2
Direction input of H-bridge2.
I
Local
17
PWM2
PWM input of H-bridge2.
Controls the frequency and the duty cycle of the power stage (OUT21 and OUT22).
I
Local
18
OUT22
Output 2 of H-bridge2
O
Global
19
PGND2
Power ground connection for H-bridge2.
G
Global
20
OUT21
Output 1 of H-bridge2
O
Global
21
NC
not connected.
-
-
22
NSS2
SPI-Slave Select input of H-bridge2.
I
Local
23
NC
not connected.
-
-
24
NC
not connected.
-
-
25
CF2
Current feedback of H-bridge2.
Signal is proportional to the positive current in active LS-transistor of H-bridge2.
O
Local
26
NABE2
Bidirectional Enable/Disable in-/output.
Open-drain output, switched to low at VDDx over and undervoltage condition.
Low level disables the power stage. (OUT21 and OUT22)
I/O
Local
27
GNDNABE1 Reference Ground of VDD1-monitoring of H-bridge 1
G
Local
28
AGND1
Ground connection for H-bridge1 (Device ground)
G
Local
29
TEST
Factory test-mode activation
I
Local
30
VDD1
5 V Supply for H-bridge1. Input for VDD1 monitoring.
P
Local
31
VS1
Supply voltage of H-bridge1 power stage
P
Global
32
VS1
Supply voltage of H-bridge1 power stage
P
Global
33
DIS1
Disable input of H-bridge1.
High-level disables the power stage (OUT11 and OUT12)
I
Local
34
DIR1
Direction input of H-bridge1.
I
Local
35
PWM1
PWM input of H-bridge1.
Controls the frequency and the duty cycle of the power stage (Out11 and Out 12).
I
Local
36
OUT12
Output 2 of H-bridge1.
O
Global
-
Exp. PAD
Exposed pad is connected to AGNDx
-
-
Note:
Legenda: I = Input, O = Output, P = Power Supply, G = Ground, I/O = Input/Output
L9969x
Block diagram and pin description
DS14029 - Rev 6
page 8/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com