Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969S Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 17Page - STMicroelectronics L9969S Datasheet HTML 18Page - STMicroelectronics L9969S Datasheet HTML 19Page - STMicroelectronics L9969S Datasheet HTML 20Page - STMicroelectronics L9969S Datasheet HTML 21Page - STMicroelectronics L9969S Datasheet HTML 22Page - STMicroelectronics L9969S Datasheet HTML 23Page - STMicroelectronics L9969S Datasheet HTML 24Page - STMicroelectronics L9969S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Figure 12. Switching sequence during change of direction
3.2.4.3
Power stage switching parameters
Parameters valid at VS in the range of (8 V…18 V), IOUT = 3 A.
T = -40 °C to 150 °C, unless otherwise specified; COUTxy = 10 nF connected during all the tests below.
Table 16. Power stage switching parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tdon00_dcm0
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 0
SR = 00
-
-
15
µs
tdon01_dcm0
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 0
SR = 01
-
-
10
µs
tdon10_dcm0
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 0
SR = 10
-
-
6
µs
tdon11_dcm0
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 0
SR = 11
-
-
6
µs
tdon00_dcm1
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 1
SR = 00
-
-
8
µs
tdon01_dcm1
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 1
SR = 01
-
-
6
µs
tdon10_dcm1
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 1
SR = 10
-
-
6
µs
tdon11_dcm1
Output HS ON delay
PWM or DIR 50% → OUT 20%
DCmatching = 1
SR = 11
-
-
6
µs
tdoff00_dcm0
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 0
SR = 00
-
-
25
µs
tdoff01_dcm0
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 0
SR = 01
-
-
20
µs
tdoff10_dcm0
Output HS OFF delay
PWM or DIR 50% → OUT 80%
SR = 10
-
-
6
µs
L9969x
Functional description
DS14029 - Rev 6
page 21/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com