Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969S Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 35Page - STMicroelectronics L9969S Datasheet HTML 36Page - STMicroelectronics L9969S Datasheet HTML 37Page - STMicroelectronics L9969S Datasheet HTML 38Page - STMicroelectronics L9969S Datasheet HTML 39Page - STMicroelectronics L9969S Datasheet HTML 40Page - STMicroelectronics L9969S Datasheet HTML 41Page - STMicroelectronics L9969S Datasheet HTML 42Page - STMicroelectronics L9969S Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Table 24. OFF state diagnostic detection parameters
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
VOFF_OUT1
OUT1 regulated output voltage, used for OFF
diagnostics
-2.4 mA < IOUT1 < 2.9
mA
1.2
1.8
2.4
V
OUTx1
IOFF_PD_OUT2
OUT2 pulldown current, used for OFF
diagnostics
VOUT2 = 1.6 V
90
120 150
µA
OUTx2
IOFF_OL_TH
Open-load threshold used for OFF diagnostics,
measured at OUT1
-
-80 -60
-30
µA
OUTx1
IOFF_SCB_TH
Short to battery threshold used for OFF
diagnostics, measured at OUT1
-
250 380 500
µA
OUTx1
IOFF_SCG_TH
Short to ground threshold used for OFF
diagnostics, measured at OUT1
-
-2.3
-2
-1.3
mA OUTx1
IOFF_LIM_SRC_OUT1
OFF diagnostic regulator sourcing current limit,
measured at OUT1
VOUT1 = 0 V
-5.7 -4.1 -2.4
mA OUTx1
IOFF_LIM_SNK_OUT1
OFF diagnostic regulator sinking current limit,
measured at OUT1
2.5 V < VOUT1 < 18 V
2.9
4.1
5.4
mA OUTx1
ROL
Load detection threshold
-
2.5
-
50
kΩ
-
tdiag_OL
Delay before enabling Open Load diagnostic
structure
-
100
-
150
ms
-
tdiag_OL_1
Delay before starting measurement
-
2.4
-
3.6
ms
-
tdiag_OL_2
Open Load diagnostic filtering time
-
200
-
300
µs
-
Figure 26. Timings related to Open Load diagnostics
1
0
DIS
t
disable
bridge
Start
measurement
T diag _OL
Tdiag _OL 1
Failure
Tdiag _OL 2
Failure
detected
U OUT 1
U BIAS
Switch-on
current source
This means, the open load diagnosis starts automatically after t_diag_OL + t_diag_OL_1. If now there is no open load
condition, the diagnosis phase keeps on running. If the open load condition is detected, this condition must be
valid for a time t_diag_OL_2. If this is the case, OL is reported to the DIA_REG1. The OL structure keeps on
working, so that if the OL disappears and reappears after a certain time, it is detected again, automatically and
without any external trigger.
L9969x
Functional description
DS14029 - Rev 6
page 39/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com