Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969S Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 23Page - STMicroelectronics L9969S Datasheet HTML 24Page - STMicroelectronics L9969S Datasheet HTML 25Page - STMicroelectronics L9969S Datasheet HTML 26Page - STMicroelectronics L9969S Datasheet HTML 27Page - STMicroelectronics L9969S Datasheet HTML 28Page - STMicroelectronics L9969S Datasheet HTML 29Page - STMicroelectronics L9969S Datasheet HTML 30Page - STMicroelectronics L9969S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
tf_LS01_dcm1
Fall Time LS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 01
-35.0
-
-15.0 V/µs
tf_LS10_dcm1
Fall Time LS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 10
-35.0
-
-15.0 V/µs
tf_LS11_dcm1
Fall Time LS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 11
-35.0
-
-15.0 V/µs
fPWM
Output switching frequency
-
-
-
20
kHz
tddis
Disable delay time DIS
NABE 50% → OUTx 20%
Resistive load
-
-
-
12.5
µs
tdpwon
Power On delay time from power down
VS = VUF_ON → output stages active
-
-
1
ms
tden
Enable delay time from disable status DIS
NABE 50% → OUTx 80%
Resistive load
-
-
-
50
µs
tr_DIS_NABE
Rise Time LS
OUTx 20% → OUTx 80%
VS = 14 V; Rload = 14 Ω
-
60.0
-
-
V/µs
tf_DIS_NABE
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
-
-
-
-60.0 V/µs
The Output ON delay and the Output OFF delay are designed symmetrically, having, as a result, a deviation of
max. 2% of the PWM value between Input Signal (PWM) and Output signal (OUTx) by 20 kHz.
In case of output control via SPI interface, the parameters are measured from the positive transition of the SPI
NSS signal.
L9969x
Functional description
DS14029 - Rev 6
page 27/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com