Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3367
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3367 Datasheet HTML 1Page - Monolithic Power Systems MP3367 Datasheet HTML 2Page - Monolithic Power Systems MP3367 Datasheet HTML 3Page - Monolithic Power Systems MP3367 Datasheet HTML 4Page - Monolithic Power Systems MP3367 Datasheet HTML 5Page - Monolithic Power Systems MP3367 Datasheet HTML 6Page - Monolithic Power Systems MP3367 Datasheet HTML 7Page - Monolithic Power Systems MP3367 Datasheet HTML 8Page - Monolithic Power Systems MP3367 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
4
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
QFN-24 (4mmx4mm)
TSSOP28-EP
PIN FUNCTIONS
QFN-24
Pin #
TSSOP28-EP
Pin #
Name
Description
1
5
DIM
PWM signal input pin. Apply a PWM signal on DIM for brightness control.
Pulled low internally. A 100Hz to 20kHz PWM signal is recommended.
2
6
MIX/AD
Dimming mode set pin. MIX/AD is a current source output (18
μA).
Connect a resistor to program its voltage. When MIX/AD is low-level
(<0.3V), mix dimming is adopted. When MIX/AD is mid-level (0.5V to
0.8V), PWM dimming is adopted. When MIX/AD is high-level (1.0V to
1.3V), analog dimming is adopted. When MIX/AD is floated, the dimming
mode is set by the internal MODE register.
3
7
FREQ/SYNC
Switching frequency setting and SYNC pin. The switching frequency is
decided by the voltage and current on this pin. Connect a resistor between
FREQ/SYNC
and GND to set the converter’s switching frequency, or
connect an external clock to the sync boost switching frequency. Leave
FREQ/SYNC floating if the internal switching frequency set register
FSW1:0 is used.
4
8
EN
IC enable pin. Pull EN high to enable the IC. When EN is pulled low, the
IC enters shutdown.
5
9
SCL/PSE
I2C interface clock input pin. Tie SDA/PSE together with SCL/PSE and
pull up to 0.75V to 1V to enable the phase-shift PWM dimming function.
6
10
SDA/PSE
I2C interface data input pin. Tie SCL/PSE together with SDA/PSE and
pull up to 0.75V to 1V to enable the phase-shift PWM dimming function.
7
11
COMP
Compensation pin.
8
12
FF
Fault flag pin. Open-drain during normal operation, pulled to low in any
fault mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com