Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3367
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3367 Datasheet HTML 1Page - Monolithic Power Systems MP3367 Datasheet HTML 2Page - Monolithic Power Systems MP3367 Datasheet HTML 3Page - Monolithic Power Systems MP3367 Datasheet HTML 4Page - Monolithic Power Systems MP3367 Datasheet HTML 5Page - Monolithic Power Systems MP3367 Datasheet HTML 6Page - Monolithic Power Systems MP3367 Datasheet HTML 7Page - Monolithic Power Systems MP3367 Datasheet HTML 8Page - Monolithic Power Systems MP3367 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MP3367
6-Channel, Max.150mA/Ch
Boost WLED Driver
with 15000:1 Dim Ratio and I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
1
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP3367 is a step-up converter with six
channel current sources, designed to drive white
LED arrays as backlighting in small-to-mid-size
LCD panels.
The MP3367 uses peak current mode as its
PWM control architecture to regulate the boost
converter. Six channel current sources are
applied into the LED cathode to adjust the LED
brightness. The MP3367 regulates the current in
each LED string to the value set by an external
current-setting
resistor,
with
2.5%
current
regulation accuracy between strings.
The
MP3367
employs
a
low
on-resistor
MOSFET and a low headroom voltage, designed
for higher efficiency. It has a standard I2C digital
interface for ease of
use.
The switching
frequency can be programmed by a resistor, I2C
interface, or external clock.
The MP3367 provides analog, PWM, and mix
dimming mode with a PWM input. Dimming
mode can be selected with the I2C interface or
the MIX/AD pin. It also has a phase shift function
to eliminate noise during PWM dimming.
Robust protections are included to guarantee
safe operation of the device. Protection modes
include over-current protection (OCP), over-
voltage
protection
(OVP),
over-temperature
protection
(OTP),
LED
short,
and
open
protection.
There
is
also
an
option
that
automatically decreases the LED current at
higher temperatures.
The MP3367 is available in QFN-24 4mmx4mm
and TSSOP28-EP packages.
FEATURES
 3.5V to 36V Input Voltage Range
 Six Channels with Max 150mA per
Channel
 Internal 100mΩ, 50V MOSFET
 Programmable Up to 2.2MHz f
SW
 External Sync SW Function
 Multi-Dimming Operation Mode through
PWM Input, Including:
o
Direct PWM Dimming
o
Analog Dimming
o
Mix Dimming with 25%/12.5%
Transfer Point
 15000:1 Dim Ratio in PWM Dim at f
PWM ≤
200Hz
 200:1 Dim Ratio at Analog Dim through
PWM Dim Signal Input
 Excellent EMI Performance, Frequency
Spread Spectrum
 I2C Interface
 Phase Shift Function for PWM Dimming
 2.5% Current Matching
 Cycle-by-Cycle Current Limit
 Disconnect VOUT from VIN
 Optional LED Current Auto-Decrement at
High Temperatures
 LED Short/Open, OTP, OCP, and Inductor
Short Protections
 Programmable LED Short Threshold
 Programmable OVP Threshold
 Fault Indicator Signal Output
 Available in QFN-24 4mmx4mm and
TSSOP28-EP Packages
APPLICATIONS
 Tablet/Notebook
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, visit the MPS website under Quality Assurance.
“MPS”, the
MPS logo,
and “Simple, Easy Solutions” are registered trademarks of Monolithic
Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP3367

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
MP3360DG MPS-MP3360DG Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3361 MPS-MP3361 Datasheet
177Kb / 7P
300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3362 MPS-MP3362 Datasheet
721Kb / 17P
Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
Rev. 1.1 2/22/2023
More results

Similar Description - MP3367

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Monolithic Power System...
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
184 WLED Matrix Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com