Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3367
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3367 Datasheet HTML 8Page - Monolithic Power Systems MP3367 Datasheet HTML 9Page - Monolithic Power Systems MP3367 Datasheet HTML 10Page - Monolithic Power Systems MP3367 Datasheet HTML 11Page - Monolithic Power Systems MP3367 Datasheet HTML 12Page - Monolithic Power Systems MP3367 Datasheet HTML 13Page - Monolithic Power Systems MP3367 Datasheet HTML 14Page - Monolithic Power Systems MP3367 Datasheet HTML 15Page - Monolithic Power Systems MP3367 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
12
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, L = 22µH, LED = 6P12S, fSW = 400kHz, ISET = 50mA, TA = 25°C, unless otherwise noted.
Open LED Protection
Open 1 string @ working
Short LED Protection
Short 1 string @ working
CH1: VSW
20V/div.
CH2: VFF
5V/div.
CH3: IL
500mA/div.
CH4: ILED
200mA/div.
CH1: VLED6
5V/div.
CH2: VFF
5V/div.
CH3: IL
500mA/div.
CH4: ILED
200mA/div.
2ms/div.
4ms/div.
Short Inductor Protection
Short Diode Protection
CH1: VSW
20V/div.
CH2: VFF
5V/div.
CH3: II_SHORT
5A/div.
CH4: ILED
200mA/div.
CH1: VSW
20V/div.
CH2: VFF
5V/div.
CH3:
II_SHORT
5A/div.
CH4: ILED
200mA/div.
10µs/div.
10µs/div.
Short VOUT to GND Protection
Thermal Protection
CH1: VSW
20V/div.
CH2: VSD
5V/div.
CH3: IL
5A/div.
CH4: ILED
200mA/div.
CH1: VSW
20V/div.
CH2: VFF
5V/div.
CH3: IL
1A/div.
CH4: ILED
200mA/div.
1ms/div.
1s/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com