Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3367
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3367 Datasheet HTML 4Page - Monolithic Power Systems MP3367 Datasheet HTML 5Page - Monolithic Power Systems MP3367 Datasheet HTML 6Page - Monolithic Power Systems MP3367 Datasheet HTML 7Page - Monolithic Power Systems MP3367 Datasheet HTML 8Page - Monolithic Power Systems MP3367 Datasheet HTML 9Page - Monolithic Power Systems MP3367 Datasheet HTML 10Page - Monolithic Power Systems MP3367 Datasheet HTML 11Page - Monolithic Power Systems MP3367 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
8
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 2V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
MIX/AD pull-up current
IMIX
MIX/AD pull-up current
18
μA
Mix dimming transfer point
MIXTP bit = 0
25
%
Transfer point hysteresis
0.5
%
Mix dimming output dimming
frequency
fMIX
MIXFR bit = 0
200
Hz
LED Current Regulator
LEDX regulation voltage
VHD
ILED = 20mA
350
mV
ILED = 100mA
850
1000
mV
Current matching (5)
ILED = 20mA
-2.5
2.5
%
ILED = 100mA
-2.5
2.5
%
ISET voltage
VISET
1.2
V
LED current
ILED
RISET = 24.9k
Ω
48.75
50
51.25
mA
ILED = 1/50 * 50mA = 1mA
0.9
1.05
1.2
mA
Phase-shift degree
LED1 to 6 enable
60
°
LED1 to 4 enable
90
°
Protection
Over-voltage protection threshold
VOVP
1.9
2
2.1
V
OVP hysteresis
200
mV
OVP UVLO threshold
VOVP_UV Step-up converter fails
100
mV
LEDX over-voltage threshold
VLEDX_OV LEDS bits = 01
5
V
LEDX over-voltage fault timer
7.7
ms
LEDX UVLO threshold
VLEDX_UV
100
mV
Thermal shutdown threshold (6)
TST
Rising edge
170
°C
Hysteresis
20
°C
SD pull-down current
ISD
60
μA
SD voltage (respective to VIN)
VSD-IN
VIN = 12V, VIN - VSD
6
V
STH pull-up current
ISTH
STH pull-up current
18
μA
I2C Interface
Input logic low
VIL
0.4
V
Input logic high
VIH
1.2
V
Output logic low
VOL
ILOAD = 3mA
0.4
V
SCL clock frequency
fSCL
400
kHz
SCL high time
tHIGH
0.6
μs
SCL low time
tLOW
1.3
μs
Data set-up time
tSU,DAT
100
ns
Data hold time
tHD,DAT
0
0.9
μs
Set-up time for repeated start
tSU,STA
0.6
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com