Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-EM Datasheet(PDF) 26 Page - Greenlee Communications

Part # DST-SW-EM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM Datasheet(HTML) 26 Page - Greenlee Communications

Back Button DST-SW-EM Datasheet HTML 22Page - Greenlee Communications DST-SW-EM Datasheet HTML 23Page - Greenlee Communications DST-SW-EM Datasheet HTML 24Page - Greenlee Communications DST-SW-EM Datasheet HTML 25Page - Greenlee Communications DST-SW-EM Datasheet HTML 26Page - Greenlee Communications DST-SW-EM Datasheet HTML 27Page - Greenlee Communications DST-SW-EM Datasheet HTML 28Page - Greenlee Communications DST-SW-EM Datasheet HTML 29Page - Greenlee Communications DST-SW-EM Datasheet HTML 30Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
302
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
LAN Toner Kit
CATV Cable Tone Test Kit
• Designed for the network installation and maintenance professional,
the LAN Toner sends tone and blinks HUB, Switch Port, and PC activity
lights for fast identification. This kit can be used on any wiring system
including Datacom, Telecom, security/alarm, audio and CATV
• Kit includes the AT8L LAN Toner and the 200GX Inductive Amplifier
in a rugged, woven nylon carrying case (700C)
CAT. NO.
UPC NO.
DESCRIPTION
AT8LK
60584
LAN Toner Kit
CAT. NO.
UPC NO.
DESCRIPTION
402K
08677
CATV Cable Tone Test Set
402T
60376
Transmitter
402R
60377
Receiver
CS9
60374
Male to male F-connector adapter cable
CS19
60378
F-connector to alligator clip
• Designed specifically for the CATV industry, this kit allows you to tone through
splitters, directional couplers and traps
• Simple to use, the 402K provides accurate results and will eliminate long
delays trying to figure out non-tagged or mis-tagged cable drops
• Kit includes one transmitter, one receiver, one male F-to-F connector adapter
cable, one male F-to-alligator clip adapter cable and a carrying case (700C)
• Transmitter and receiver are equipped with female F-connectors
• Three methods of signal reception: electrostatic pickup for non-terminated
cables, electromagnetic pickup for terminated or shorted cables and direct
connection when identifying in the presence of passive devices
• In continuity mode, provides both audible tone and LED display
• Identifies the presence of AC or DC voltage on the cable under test
• Four selectable tone outputs for multiple line identification
802K Digital LAN Tracing Kit
• The 802K Digital LAN Tracing Kit is a powerful, unique troubleshooting
and tracing solution for LANs and other types of VDV wiring. The industry
standard 200FP filter probe (60Hz) is designed to eliminate hum from
fluorescent lights and AC power wiring that can obscure tracing tones
• The AT8L LAN Toner not only generates multiple tracing tones
and provides basic wiring tests, but indicates the presence of
10/100Base-T network service
CAT. NO.
UPC NO.
DESCRIPTION
802K
36000
Digital LAN Tracing Kit
802K
AT8LK
402K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com