Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-EM Datasheet(PDF) 5 Page - Greenlee Communications

Part # DST-SW-EM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM Datasheet(HTML) 5 Page - Greenlee Communications

  DST-SW-EM Datasheet HTML 1Page - Greenlee Communications DST-SW-EM Datasheet HTML 2Page - Greenlee Communications DST-SW-EM Datasheet HTML 3Page - Greenlee Communications DST-SW-EM Datasheet HTML 4Page - Greenlee Communications DST-SW-EM Datasheet HTML 5Page - Greenlee Communications DST-SW-EM Datasheet HTML 6Page - Greenlee Communications DST-SW-EM Datasheet HTML 7Page - Greenlee Communications DST-SW-EM Datasheet HTML 8Page - Greenlee Communications DST-SW-EM Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
281
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
AirScout™
ASM Controller
Height
1.81" (46.2 mm)
Width
5.83" (147.6 mm)
Depth
5.79" (146.8 mm)
Weight
332 g (11.7 oz)
ASC Client
Height
1.46" (36.83 mm)
Width
4.88" (124.46 mm)
Depth
4.88" (124.46 mm)
Weight
247 g (8.71 oz)
ASK306
Height
14.6" (370 mm)
Width
11.8" (300 mm)
Depth
6.69" (170 mm)
Weight
11.7 lbs (187.2 oz)
Environment
Operating Temperature
0 to +55 ºC / 0 to +131 ºF
Storage Temperature
-20 to +65 ºC / -4 to +149 ºF
Operating Humidity
20-80% RH non condensing
Storage Humidity
10-90% RH non condensing
Compliance
FCC
Canada Regulatory Requirements (ICES-003)
CE Compliance
SPECIFICATIONS
WIRELESS TEST SOLUTION
Wi-Fi® is a registered trademark of the Wi-Fi Alliance.
ASM300
ASC300
CAT. NO.
DESCRIPTION
ASK302
Two Client Solution in Carry Case
ASK306
Six Client Solution in Carry Case
ASM300
Individual Master Controller
ASC300
Individual Client
ASC302
Pair of additional Clients
TM
› The innovative Wi-Fi test solution
› Enables whole home or small business
Wi-Fi® readiness testing in minutes
› Determines real “Quality of Experience” in
multiple locations simultaneously
• Industry leading Application benchmark testing
• All 802.11 types benchmarked
• Validation testing over time increasing accuracy
• Determines, throughout the home in one survey:
• Optimum "gateway" (AP) location
• Optimum channels in both 2.4 and 5 GHz bands
• Signal strength
• Network congestion
• Signal to noise ratio
• Real throughput rates
• Application performance in each location
• Up to 30 Clients supported
• Confirm results through "gateway" (AP)
• Results recorded locally and in a cloud database for
future reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com