Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-EM Datasheet(PDF) 7 Page - Greenlee Communications

Part # DST-SW-EM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM Datasheet(HTML) 7 Page - Greenlee Communications

Back Button DST-SW-EM Datasheet HTML 3Page - Greenlee Communications DST-SW-EM Datasheet HTML 4Page - Greenlee Communications DST-SW-EM Datasheet HTML 5Page - Greenlee Communications DST-SW-EM Datasheet HTML 6Page - Greenlee Communications DST-SW-EM Datasheet HTML 7Page - Greenlee Communications DST-SW-EM Datasheet HTML 8Page - Greenlee Communications DST-SW-EM Datasheet HTML 9Page - Greenlee Communications DST-SW-EM Datasheet HTML 10Page - Greenlee Communications DST-SW-EM Datasheet HTML 11Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
283
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Sidekick® Plus ADSL Far-End-Device
For use with the Sidekick® Plus as a complete ADSL testing solution
Applications:
• Helps technicians diagnose and troubleshoot problems with twisted pairs
at the far end of the cable
• Install, qualify, and maintain ADSL services
Benefits:
• Helps qualify pairs for ADSL service with ease
• Reduces testing time and increases technician productivity
Features:
• K-Test – Far-End-Device straps the pair under test
• TDR – Far-End-Device can alternately short and open the pair to
verify the end-of-line
• Noise – Far-End-Device provides a line termination
• Loss – Far-End-Device provides single or multiple reference tones
• Longitudinal Balance – Far-End-Device provides an IEEE 455-1985
Longitudinal Balanced Termination
• Autotest – The Sidekick Plus manages the operation of the Far-End-Device
during the test sequence
• Short Pair – Verifies loop length
• Short Pair to Ground – Determines pair resistive balance
• Remote activation via Sidekick® Plus
• Ability to connect and disconnect Central Office and
Customer Premise equipment
• Supports Second Pair Testing
• Generates tones for pair ID and pair tracing
• Capability to generate tones over a range of frequencies from
POTS to ADSL
Kit Includes:
• Sidekick® ADSL Far-End Device Unit
• RJ45 to Telco clip leads
• Canvas carry case
*For use with the Sidekick® Plus Models
1155-5009
Sidekick® Plus with Wideband
1155-5010
Sidekick® Plus with Wideband & ADSL/VDSL Sync LCC
1155-5011
Sidekick® Plus with Wideband & ADSL/VDSL Sync SCC
1155-5012
Sidekick® Plus Bonded Modem - Fully Featured
1155-5013
Sidekick® Plus Bonded Modem - Fully Featured
CAT. NO.
UPC NO.
DESCRIPTION
1157-5001
03958
Sidekick® FED Kit
1155-5001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com