Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-EM Datasheet(PDF) 6 Page - Greenlee Communications

Part # DST-SW-EM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM Datasheet(HTML) 6 Page - Greenlee Communications

Back Button DST-SW-EM Datasheet HTML 2Page - Greenlee Communications DST-SW-EM Datasheet HTML 3Page - Greenlee Communications DST-SW-EM Datasheet HTML 4Page - Greenlee Communications DST-SW-EM Datasheet HTML 5Page - Greenlee Communications DST-SW-EM Datasheet HTML 6Page - Greenlee Communications DST-SW-EM Datasheet HTML 7Page - Greenlee Communications DST-SW-EM Datasheet HTML 8Page - Greenlee Communications DST-SW-EM Datasheet HTML 9Page - Greenlee Communications DST-SW-EM Datasheet HTML 10Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
282
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
•
Saves time – Easy-to-use mode selection dial and operation - minimizes
training needs and saves time on the job
•
Versatile – Combines your copper qualification needs with DSL sync and
service testing in one test set
•
Fully loaded – The Sidekick® Plus xDSL comes complete with all you need
to perform tests on the copper networks that support DSL services
•
No modules needed – Advanced cable diagnosis and troubleshooting in a
single test set
Applications
Helps technicians diagnose and troubleshoot problems with twisted pair cable
Install, qualify, and maintain DSL services
Features
Bonded Modem With xDSL:
• Pair bonding
• ADSL2+/VDSL2+
• Vectoring
• Broadcom BCM63168
• Automated test scripts
• USB export/import of test results/profiles
• 35MHz Wideband Noise Spectrum Analysis
• 4.4MHz Loss Measurement Test
• 35MHz Impulse Noise Step
• TDR with auto bridgetap detection (zero dead zone)
ADSL/VDSL Modem Sync And Service Tests:
• DSL Showtime
• Bits per Tone Graph
• Signal-to-Noise Ratio Graph
• HLOG Graph
• Error Counter
• Upper Layer Testing: Ping, Trace-route, HTTP, FTP
Standard Features:
• Advanced Dual Trace Pulse TDR (Zero Dead Zone)
• Resistive Fault Locator (Detects up to 20MΩ)
• 1GΩ Leakage Test (Insulation Resistance)
• Longitudinal Balance Test
• Ground Resistance Test
• Stress Test
• AC/DC Voltage
• Resistance
• Open Meter
• Loop Current
• Circuit Loss
• Tracing Tone Generator
• Reference Tone
Sidekick® Plus Copper and DSL Test Set
CAT. NO.
UPC NO.
DESCRIPTION
1155-5001
01316
Sidekick Plus Kit LCC
1155-5003
01324
Sidekick Plus Kit SCC
1155-5005
01463
Kit, Sk Plus, Impulse Noise, Step TDR
1155-5009
01317
Sidekick Plus With Wideband
1155-5010
01318
Sidekick Plus With Wideband & Adsl/Vdsl Sync LCC
1155-5011
02275
Sidekick Plus With Wideband & Adsl/Vdsl Sync SCC
1155-5012
04197
Sidekick Plus Pair Bonded Modem - Fully Featured
1155-5013
03838
Sidekick Plus Pair Bonded Modem - Fully Featured SCC
CABLE MAINTENANCE TEST SET
1155-5005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com